Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD080 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65MLVD080
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65MLVD080_07 Datasheet HTML 2Page - Texas Instruments SN65MLVD080_07 Datasheet HTML 3Page - Texas Instruments SN65MLVD080_07 Datasheet HTML 4Page - Texas Instruments SN65MLVD080_07 Datasheet HTML 5Page - Texas Instruments SN65MLVD080_07 Datasheet HTML 6Page - Texas Instruments SN65MLVD080_07 Datasheet HTML 7Page - Texas Instruments SN65MLVD080_07 Datasheet HTML 8Page - Texas Instruments SN65MLVD080_07 Datasheet HTML 9Page - Texas Instruments SN65MLVD080_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tpLH
Propagation delay time, low-to-high-level output
2
4
6
ns
tpHL
Propagation delay time, high-to-low-level output
2
4
6
ns
tr
Output signal rise time
1
2.3
ns
tf
Output signal fall time
CL = 15 pF, See Figure 10
1
2.3
ns
tsk(o)
Output skew
350
ps
tsk(p)
Pulse skew (|tPHL– tPLH|)
50
350
ps
tsk(pp)
Part-to-part skew(2)
1
ns
tjit(per)
Period jitter, rms (1 standard deviation) ((3))
7
ps
100 MHz clock input(4)
tjit(c-c)
Cycle-to-cycle jitter, rms
110
ps
Type 1
550
ps
tjit(det)
Deterministic jitter
Type 2
480
ps
200 Mbps 215–1 PRBS input(5)
Type 1
720
ps
tjit(pp)
Peak-to-peak jitter (3)(6)
Type 2
660
ps
tPZH
Enable time, high-impedance-to-high-level output
30
ns
tPZL
Enable time, high-impedance-to-low-level output
30
ns
CL = 15 pF, See Figure 11
tPHZ
Disable time, high-level-to-high-impedance output
18
ns
tPLZ
Disable time, low-level-to-high-impedance output
28
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both
devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(4)
VID = 200 mVpp ('080), VID = 400 mVpp ('082), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 30 k samples.
(5)
VID = 200 mVpp ('080), VID = 400 mVpp ('082), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 100 k samples.
(6)
Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com