Electronic Components Datasheet Search
  English  ▼

X  

6A05 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 6A05
Description  6.0 AMPS. Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

6A05 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  6A05 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 6A05 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 523 -
RATINGS AND CHARACTERISTIC CURVES (6A05 THRU 6A100)
FORWARD VOLTAGE. (V)
FIG.2- TYPICAL FORWARD CHARACTERISTICS
1.8
1.6
0.6
0.8
1.0
1.2
1.4
10
100
1
0.1
0.01
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
0.01
0.1
10
100
1
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=100 C
0
FIG.4- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL JUNCTION CAPACITANCE
100
50
10
1
100
200
500
1000
50
10
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.1- MAXIMUM OUTPUT CURRENT VS AMBIENT
TEMPERATURE
20
0
40
60
80
100
120
140
180
160
2
3
1
4
6
5
AMBIENT TEMPERATURE. ( C)
o
Single PhaseHalf Wave 60Hz
Resistive of Inductive Load
Standard PC Board
Mounting
PC BOARD
Ground plane
16mm x 16mm
Copper
surface area
PC BOARD
Recommanded
PC Board
Mounting
100
1
5
10
50
0
150
100
50
200
250
300
Tj=25 C
O
0.4
50
5
0.5
0.05
200
0
6.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com