Electronic Components Datasheet Search
  English  ▼

X  

6A20G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 6A20G
Description  6.0 AMPS. Glass Passivated Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

6A20G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  6A20G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 6A20G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (6A05G THRU 6A100G)
FIG.4- TYPICAL JUNCTION CAPACITANCE
0
5
0
1
1
100
10
100
1000
REVERSE VOLTAGE. (V)
Tj=25 C
o
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
20
0
40
60
80
100
120
140
180
200
160
2
3
1
4
6
5
AMBIENT TEMPERATURE. ( C)
o
Single PhaseHalf Wave 60Hz
Resistive of Inductive Load
Ground plane
1" x 1" Copper
surface area
PC BOARD
Recommanded
PC Board
Mounting
PC Board
Standard PC Board
Mounting
0
6.5
FIG.3-MAXIUM NON-REPETITIVE FORWARD
SURGE CURRENT
50
1
5
10
50
100
150
100
200
250
300
NUMBER OF CYCLES AT 60Hz
Tj=25 C
o
0
FIG.5- TYPICAL FORWARD CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1
10
100
FORWARD VOLTAGE. (V)
6A10G-6A100G
6A05G
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER LEG
120
140
0
20
40
60
80
100
PERCENT RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=75 C
0
Tj=25 C
0
Version: A06
100
10
1
0.1
0.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com