Electronic Components Datasheet Search
  English  ▼

X  

TIP145 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TIP145
Description  PNP SILICON POWER DARLINGTONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP145 Datasheet(HTML) 1 Page - Power Innovations Ltd

  TIP145 Datasheet HTML 1Page - Power Innovations Ltd TIP145 Datasheet HTML 2Page - Power Innovations Ltd TIP145 Datasheet HTML 3Page - Power Innovations Ltd TIP145 Datasheet HTML 4Page - Power Innovations Ltd TIP145 Datasheet HTML 5Page - Power Innovations Ltd TIP145 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP145, TIP146, TIP147
PNP SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
1
DECEMBER 1971 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with
TIP140, TIP141 and TIP142
q
125 W at 25°C Case Temperature
q
10 A Continuous Collector Current
q
Minimum hFE of 1000 at 4 V, 5 A
SOT-93 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRAA
B
C
E
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 1 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 28 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = -5 mA, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = -20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIP145
TIP146
TIP147
VCBO
-60
-80
-100
V
Collector-emitter voltage (IB = 0)
TIP145
TIP146
TIP147
VCEO
-60
-80
-100
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-10
A
Peak collector current (see Note 1)
ICM
-15
A
Continuous base current
IB
-0.5
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
125
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
3.5
W
Unclamped inductive load energy (see Note 4)
½LIC
2
100
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C


Similar Part No. - TIP145

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP145 MOSPEC-TIP145 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
logo
Motorola, Inc
TIP145 MOTOROLA-TIP145 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP145 ONSEMI-TIP145 Datasheet
217Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
STMicroelectronics
TIP145 STMICROELECTRONICS-TIP145 Datasheet
48Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Transys Electronics
TIP145 TRSYS-TIP145 Datasheet
625Kb / 5P
PNP SILICON POWER DARLINGTONS
More results

Similar Description - TIP145

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
PNP SILICON POWER DARLINGTONS
BD896 POINN-BD896 Datasheet
151Kb / 6P
PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
PNP SILICON POWER DARLINGTONS
TIP135 POINN-TIP135 Datasheet
144Kb / 6P
PNP SILICON POWER DARLINGTONS
TIPP115 POINN-TIPP115 Datasheet
87Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com