Electronic Components Datasheet Search
  English  ▼

X  

TMUX1574DYYR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 23Page - Texas Instruments TMUX1574DYYR Datasheet HTML 24Page - Texas Instruments TMUX1574DYYR Datasheet HTML 25Page - Texas Instruments TMUX1574DYYR Datasheet HTML 26Page - Texas Instruments TMUX1574DYYR Datasheet HTML 27Page - Texas Instruments TMUX1574DYYR Datasheet HTML 28Page - Texas Instruments TMUX1574DYYR Datasheet HTML 29Page - Texas Instruments TMUX1574DYYR Datasheet HTML 30Page - Texas Instruments TMUX1574DYYR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Signal 1
GND Plane
Power Plane
Signal 2
WORST
BETTER
BEST
1W min.
W
27
TMUX1574
www.ti.com
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
When a PCB trace turns a corner at a 90° angle, a reflection can occur. A reflection occurs primarily because of
the change of width of the trace. At the apex of the turn, the trace width increases to 1.414 times the width. This
increase upsets the transmission-line characteristics, especially the distributed capacitance and self–inductance
of the trace which results in the reflection. Not all PCB traces can be straight and therefore some traces must
turn corners.Figure 44 shows progressively better techniques of rounding corners. Only the last example (BEST)
maintains constant trace width and minimizes reflections.
Figure 44. Trace Example
Route the high-speed signals using a minimum of vias and corners which reduces signal reflections and
impedance changes. When a via must be used, increase the clearance size around it to minimize its
capacitance. Each via introduces discontinuities in the signal’s transmission line and increases the chance of
picking up interference from the other layers of the board. Be careful when designing test points, through-
hole pins are not recommended at high frequencies.
Do not route high speed signal traces under or near crystals, oscillators, clock signal generators, switching
regulators, mounting holes, magnetic devices or ICs that use or duplicate clock signals.
Avoid stubs on the high-speed signals traces because they cause signal reflections.
Route all high-speed signal traces over continuous GND planes, with no interruptions.
Avoid crossing over anti-etch, commonly found with plane splits.
When working with high frequencies, a printed circuit board with at least four layers is recommended; two
signal layers separated by a ground and power layer as shown in Figure 45.
Figure 45. Example Layout
The majority of signal traces must run on a single layer, preferably Signal 1. Immediately next to this layer must
be the GND plane, which is solid with no cuts. Avoid running signal traces across a split in the ground or power
plane. When running across split planes is unavoidable, sufficient decoupling must be used. Minimizing the
number of signal vias reduces EMI by reducing inductance at high frequencies.
Figure 46 illustrates an example of a PCB layout with the TMUX1574. Some key considerations are:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com