Electronic Components Datasheet Search
  English  ▼

X  

TIP150 Datasheet(PDF) 4 Page - Power Innovations Ltd

Part # TIP150
Description  NPN SILICON POWER DARLINGTONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP150 Datasheet(HTML) 4 Page - Power Innovations Ltd

  TIP150 Datasheet HTML 1Page - Power Innovations Ltd TIP150 Datasheet HTML 2Page - Power Innovations Ltd TIP150 Datasheet HTML 3Page - Power Innovations Ltd TIP150 Datasheet HTML 4Page - Power Innovations Ltd TIP150 Datasheet HTML 5Page - Power Innovations Ltd TIP150 Datasheet HTML 6Page - Power Innovations Ltd TIP150 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIP150, TIP151, TIP152
NPN SILICON POWER DARLINGTONS
4
JUNE 1973 - REVISED MARCH 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 4.
Figure 5.
Figure 6.
Figure 7.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·4
1·0
10
10
100
1000
10000
TCD150AA
V
CE = 5 V
t
p = 300 µs, duty cycle <2%
T
C = 125°C
T
C =
25°C
T
C = -30°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·4
1·0
10
0·1
1·0
10
TCD150AB
I
C / IB = 20
t
p = 300 µs, duty cycle < 2%
T
C = 125°C
T
C =
25°C
T
C = -30°C
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·4
1·0
10
1·0
1·5
2·0
2·5
3·0
TCP150AC
T
C = -30°C
T
C =
25°C
T
C = 125°C
I
C / IB = 20
t
p = 300µs, duty cycle < 2%
COLLECTOR CUT-OFF CURRENT
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
-50
-25
0
25
50
75
100
125
1·0
10
100
1000
TCD150AD
V
CE = 400 V
I
B
= 0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com