Electronic Components Datasheet Search
  English  ▼

X  

B0530W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # B0530W
Description  0.5A Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

B0530W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  B0530W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd B0530W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 64 -
B0520LW, B0530W, B0540W
0.5A Surface Mount Schottky Barrier Rectifier
Voltage Range
20 to 40 Volts
410m Watts Power Dissipation
Features
a
Low forward voltage drop
a
Guard ring construction for transient protection
a
High conductance
Mechanical Data
a
Case: SOD-123, plastic
a
Terminals: Solderable per MIIL-STD-202,
Method 208
a
Marking: Date Code and Type Code
Type Code: B0520LW Marking: SD
B0530W Marking: SE
B0540W Marking: SF
a Weight: 0.01 grams (approx.)
SOD-123
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
+ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
B0520LW
B0530W
B0540W
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Cureent
@ TL=100
OC
Io
0.5
A
Non-repetitive Peak Forward Surge Current 8.3ms
Single half Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
5.5
A
Power Dissipation (Note 1)
Pd
410
mW
Thermal Resistance Junction to Ambient Air (Note 1)
R
JA
244
OC /W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 125
OC
Voltage Rate of Chang
dv / dt
1000
V/uS
Electrical Characteristics
Type Number
Symbol
B0520LW
B0530W
B0540W
Units
Minimum Reverse Breakdown Voltage
IR=250uA
IR=130uA
IR=20uA
V(BR)
20
-
-
-
30
-
-
-
40
V
Maximum Reverse Leakage Current (Note 2)
VR=10V
Tj=25
OC
VR=15V
Tj=25
OC
VR=20V
Tj=25
OC
VR=30V
Tj=25
OC
VR=40V
Tj=25
OC
VR=10V
Tj=100
OC
VR=20V
Tj=100
OC
VR=40V
Tj=100
OC
IR
1.0
-
250
-
-
5.0
8.0
-
-
20
-
130
-
-
-
-
-
-
10
-
20
-
5.0
13
uA
mA
Maximum Forward Voltage Drop (Note 2)
Tj=25
OC
IF=0.1A
Tj=25
OC
IF=0.5A
Tj=25
OC
IF=1.0A
Tj=100
OC IF=0.1A
Tj=100
OC IF=0.5A
Tj=100
OC IF=1.0A
VF
0.300
0.385
-
0.220
0.330
-
0.375
0.430
-
-
-
-
-
0.510
0.620
-
0.460
0.610
V
Junction Capacitance
VR=0, f=1.0MHz
Cj
170
-
pF
Notes: 1. Valid Provided that Leads are Kept at Ambient Temperature.
2. Pulse Test: Pulse width = 300uS, Duty cycle
2%..
3. dv / dt Measured at Rated VR.
0.053(1.35)
Max.
0.006(0.15)
Typ. Min.
0.010(0.25)
Min.
0.004(0.10)
Max.
0.067(1.70)
0.55(1.40)
0.022(0.55)
Typ. Min.
0.152(3.85)
0.140(3.55)
0.112(2.85)
0.100(2.55)


Similar Part No. - B0530W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0530W DIODES-B0530W Datasheet
63Kb / 2P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 2 - 2
logo
Jiangsu Changjiang Elec...
B0530W JIANGSU-B0530W Datasheet
198Kb / 3P
SCHOTTKY RECTIFIER
logo
Weitron Technology
B0530W WEITRON-B0530W Datasheet
192Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
B0530W DIODES-B0530W Datasheet
383Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
B0530W TSC-B0530W Datasheet
566Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B0530W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520LW DIODES-B0520LW_1 Datasheet
84Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 12 - 2
B0530W DIODES-B0530W_1 Datasheet
383Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
BAT400D DIODES-BAT400D_1 Datasheet
363Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
logo
Taiwan Semiconductor Co...
BAT400D TSC-BAT400D Datasheet
48Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B0540W DIODES-B0540W_09 Datasheet
98Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 March 2009
B0520LW DIODES-B0520LW_14 Datasheet
98Kb / 4P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 15
B0540W DIODES-B0540W_15 Datasheet
98Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
BAT400D DIODES-BAT400D_15 Datasheet
342Kb / 4P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
B0540WQ DIODES-B0540WQ Datasheet
439Kb / 5P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
MBR0580S1 DIODES-MBR0580S1 Datasheet
327Kb / 6P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com