Electronic Components Datasheet Search
  English  ▼

X  

B0530WS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # B0530WS
Description  0.5A Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

B0530WS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  B0530WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd B0530WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-25-
RATINGS AND CHARACTERISTIC CURVES (B0520WS THRU B0530WS)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
2 0
4 0
6 0
8 0
100
120
140
100
10
1
0.1
0.01
0.001
FIG.2- TYPICAL FORWARD CHARACTERISTICS
00.2
INSTANTANEOUS FORWARD VOLTAGE. (V)
10
1
0.1
0.01
0.001
0.4
0.6
0.8
1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
T=100 C
J
O
T=75 C
O
J
T=25 C
O
J
FIG. 3- TYPICAL TOTAL CAPACITANCE VS REVERSE
VOLTAGE
REVERSE VOLTAGE.(V)
0
5
101520
70
60
50
40
30
20
10
0
FIG.1- FORWARD CURRENT DERATING CURVE
TERMINAL TEMPERATURE ( C)
O
0
0
25
50
75
100
125
150
0.25
0.50
0.75
1.0
f=1.0MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com