Electronic Components Datasheet Search
  English  ▼

X  

AFX00007 Datasheet(PDF) 4 Page - Arduino

Part # AFX00007
Description  Arduino Opta® Analog Expansion
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

AFX00007 Datasheet(HTML) 4 Page - Arduino

  AFX00007 Datasheet HTML 1Page - Arduino AFX00007 Datasheet HTML 2Page - Arduino AFX00007 Datasheet HTML 3Page - Arduino AFX00007 Datasheet HTML 4Page - Arduino AFX00007 Datasheet HTML 5Page - Arduino AFX00007 Datasheet HTML 6Page - Arduino AFX00007 Datasheet HTML 7Page - Arduino AFX00007 Datasheet HTML 8Page - Arduino AFX00007 Datasheet HTML 9Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Arduino Opta® Analog Expansion
4 / 15
Arduino Opta® Analog Expansion
Modified: 15/11/2024
1 Application Examples
The Arduino Opta® Analog Expansion is designed for industrial standard machinery control alongside the Opta®
micro PLC. It is readily integrated into the Arduino hardware and software ecosystem.
Automated Production Line: Arduino Opta® can manage the overall flow of goods in manufacturing. For
example, by integrating a load cell or a vision system, it can ensure each phase of a packing process is
performed correctly, automatically discard faulty parts, ensure the appropriate amount of goods is present
within each box and interact with production line printers, also adding timestamp information synchronized via
Network Time Protocol (NTP).
Real-time Monitoring in Manufacturing: Production data can be visualized locally via an HMI or even by
connecting to the Arduino Opta® via Bluetooth® Low Energy. The simplicity of Arduino Cloud allows to
remotely display custom dashboards; this product is also compatible with other major Cloud providers.
Automated Anomaly Detection: Its computing power allows the Arduino Opta® to deploy Machine Learning
algorithms that are capable to learn when a process is drifting from its usual behavior on the production line
and activating/deactivating processes to prevent equipment damage.
2 Features
2.1 General Specifications Overview
Characteristics
Details
Supply Voltage
12...24 V
Reverse polarity
protection
Yes
ESP protection
Yes
Transient overvoltage
protection
Yes (up to 40 V)
Maximum Supported
Expansion Modules
Up to 5
Channels
8x: I1, I2, I3, I4, O1, I5, I6, O2
Channels functionalities
I1 and I2: Programmable inputs (Voltage, Current, RTD2 wires, RTD3 wires),
Programmable outputs (Voltage and current) - I3, I4, O1, I5, I6, O2: Programmable
inputs (Voltage, Current, RTD2 wires), Programmable outputs (Voltage and current)
Degree of Protection
IP20
Certifications
FCC, CE, UKCA, cULus, ENEC
Note: Check the inputs and outputs detailed sections below for more information about the Analog
Expansion channels use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com