Electronic Components Datasheet Search
  English  ▼

X  

TPX00201 Datasheet(PDF) 13 Page - Arduino

Part # TPX00201
Description  Arduino® Pro 4G Module Collective Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

TPX00201 Datasheet(HTML) 13 Page - Arduino

Back Button TPX00201 Datasheet HTML 9Page - Arduino TPX00201 Datasheet HTML 10Page - Arduino TPX00201 Datasheet HTML 11Page - Arduino TPX00201 Datasheet HTML 12Page - Arduino TPX00201 Datasheet HTML 13Page - Arduino TPX00201 Datasheet HTML 14Page - Arduino TPX00201 Datasheet HTML 15Page - Arduino TPX00201 Datasheet HTML 16Page - Arduino TPX00201 Datasheet HTML 17Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Arduino® Pro 4G Module
Collective Datasheet
13 / 26
Arduino® Pro 4G Module Collective Datasheet
Modified: 09/04/2024
Frequency Bands
Primary
Diversity
SIMO 3
3GPP (SIMO)
LTE-TDD B26 (10 MHz)
-98 dBm
-98.8 dBm
-100 dBm
-93.8 dBm
LTE-TDD B28 (10 MHz)
-98.1 dBm
-98.9 dBm
-99.8 dBm
-94.8 dBm
LTE-TDD B38 (10 MHz)
-96.8 dBm
-96.9 dBm
-98.3 dBm
-96.3 dBm
LTE-TDD B39 (10 MHz)
-98 dBm
-98.2 dBm
-99.8 dBm
-96.3 dBm
LTE-TDD B40 (10 MHz)
-97.7 dBm
-97.5 dBm
-99.7 dBm
-96.3 dBm
LTE-TDD B41 (10 MHz)
-96.8 dBm
-96.0 dBm
-98 dBm
-94.3 dBm
4.3 ESD Characteristics
If the static electricity generated by various ways discharges to the module, the module maybe damaged to a certain
extent. Thus, please take proper ESD countermeasures and handling methods.
The following table shows the ESD characteristics of the Pro 4G Module, both variants.
Tested Interfaces
Contact Discharge
Air Discharge
Unit
Power Supply and GND
±5
±10
kV
Antenna Interfaces
±4
±8
kV
USB Interface
±4
±8
kV
(U)SIM Interface
±4
±8
kV
Others
±0.5
±1
kV
4.4 Power Consumption
The following table show the power consumption of the Pro 4G Module EMEA variant (SKU: TPX00201).
Conditions
Typ
Unit
Sleep Mode
AT+CFUN=0 (USB disconnected)
3.25
mA
EGSM900 @ DRX = 2 (USB disconnected)
5.59
mA
EGSM900 @ DRX = 5 (USB disconnected)
4.26
mA
EGSM900 @ DRX = 5 (USB suspend)
4.58
mA
EGSM900 @ DRX = 9 (USB disconnected)
3.99
mA
DCS1800 @ DRX = 2 (USB disconnected)
5.71
mA
DCS1800 @ DRX = 5 (USB disconnected)
4.24
mA
DCS1800 @ DRX = 5 (USB suspend)
4.64
mA
DCS1800 @ DRX = 9 (USB disconnected)
3.73
mA
WCDMA @ PF = 64 (USB disconnected)
5.94
mA
WCDMA @ PF = 64 (USB suspend)
6.15
mA
WCDMA @ PF = 128 (USB disconnected)
4.45
mA
WCDMA @ PF = 256 (USB disconnected)
3.72
mA
WCDMA @ PF = 512 (USB disconnected)
3.45
mA
LTE-FDD @ PF = 32 (USB disconnected)
7.29
mA
LTE-FDD @ PF = 64 (USB disconnected)
5.94
mA
LTE-FDD @ PF = 64 (USB suspend)
6.12
mA
LTE-FDD @ PF = 128 (USB disconnected)
4.71
mA
LTE-FDD @ PF = 256 (USB disconnected)
4.24
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com