Electronic Components Datasheet Search
  English  ▼

X  

FR151G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR151G
Description  1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR151G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR151G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR151G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 442 -
FR151G THRU FR157G
1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.5 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-
STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
℃/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 0.40 gram
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
FR
151G
FR
152G
FR
153G
FR
154G
FR
155G
FR
156G
FR
157G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
℃
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.3
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=125
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
20
pF
Typical Thermal Resistance ( Note 3 )
R
θJA
60
O
C/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.


Similar Part No. - FR151G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR151G RECTRON-FR151G Datasheet
240Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Jinan Gude Electronic D...
FR151G JGD-FR151G Datasheet
138Kb / 2P
1.5 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Sunrise Electr...
FR151G SSE-FR151G Datasheet
16Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR151G BYTES-FR151G Datasheet
153Kb / 2P
1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR151G DCCOM-FR151G Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR151G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR151G JGD-FR151G Datasheet
138Kb / 2P
1.5 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5391G TSC-1N5391G Datasheet
47Kb / 2P
1.5 AMPS. Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
1N5391G JGD-1N5391G Datasheet
131Kb / 2P
1.5 AMPS . GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5391G TSC-1N5391G_1 Datasheet
226Kb / 2P
1.5 AMPS. Glass Passivated Rectifiers
FR151G TSC-FR151G_1 Datasheet
247Kb / 2P
1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
RGP15A TSC-RGP15A Datasheet
68Kb / 2P
1.5 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
1N5391G TSC-1N5391G_10 Datasheet
482Kb / 2P
1.5 AMPS. Glass Passivated Rectifiers
FR151G TSC-FR151G_10 Datasheet
434Kb / 2P
1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
1N5391G LUGUANG-1N5391G Datasheet
94Kb / 2P
1.5 AMPS. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
1N5391G DYELEC-1N5391G Datasheet
694Kb / 2P
1.5 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com