Electronic Components Datasheet Search
  English  ▼

X  

ST72321R7TC Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72321R7TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R7TC Datasheet(HTML) 1 Page - STMicroelectronics

  ST72321R7TC Datasheet HTML 1Page - STMicroelectronics ST72321R7TC Datasheet HTML 2Page - STMicroelectronics ST72321R7TC Datasheet HTML 3Page - STMicroelectronics ST72321R7TC Datasheet HTML 4Page - STMicroelectronics ST72321R7TC Datasheet HTML 5Page - STMicroelectronics ST72321R7TC Datasheet HTML 6Page - STMicroelectronics ST72321R7TC Datasheet HTML 7Page - STMicroelectronics ST72321R7TC Datasheet HTML 8Page - STMicroelectronics ST72321R7TC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 189 page
background image
October 2004
1/189
Rev. 1.10
ST72321
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,
FIVE TIMERS, SPI, SCI, I2C INTERFACE
■ Memories
– 32K to 60K dual voltage High Density Flash
(HDFlash) or ROM with read-out protection
capability. In-Application Programming and
In-Circuit Programming for HDFlash devices
– 1K to 2K RAM
– HDFlash endurance: 100 cycles, data reten-
tion: 20 years at 55°C
■ Clock, Reset And Supply Management
– Enhanced low voltage supervisor (LVD) for
main supply and auxiliary voltage detector
(AVD) with interrupt capability
– Clock sources: crystal/ceramic resonator os-
cillators, internal RC oscillator, clock security
system and bypass for external clock
– PLL for 2x frequency multiplication
– Four Power Saving Modes: Halt, Active-Halt,
Wait and Slow
■ Interrupt Management
– Nested interrupt controller
– 14 interrupt vectors plus TRAP and RESET
– Top Level Interrupt (TLI) pin on 64-pin devices
– 15 external interrupt lines (on 4 vectors)
■ Up to 48 I/O Ports
– 48/32 multifunctional bidirectional I/O lines
– 34/22 alternate function lines
– 16/12 high sink outputs
■ 5 Timers
– Main Clock Controller with: Real time base,
Beep and Clock-out capabilities
– Configurable watchdog timer
– Two 16-bit timers with: 2 input captures, 2 out-
put compares, external clock input on one tim-
er, PWM and pulse generator modes
– 8-bit PWM Auto-reload timer with: 2 input cap-
tures, 4 PWM outputs, output compare and
time base interrupt, external clock with event
detector
■ 3 Communications Interfaces
– SPI synchronous serial interface
– SCI asynchronous serial interface
–I2C multimaster interface
■ 1 Analog peripheral
– 10-bit ADC with up to 16 input ports
■ Instruction Set
– 8-bit Data Manipulation
– 63 Basic Instructions
– 17 main Addressing Modes
– 8 x 8 Unsigned Multiply Instruction
■ Development Tools
– Full hardware/software development package
– In-Circuit Testing capability
Device Summary
TQFP64
10 x 10
TQFP64
14 x 14
TQFP44
10 x 10
Features
ST72F321
(R/AR/J)9
ST72F321
(R/AR/J)7
ST72F321
(R/AR)6
ST72321
(R/AR/J)9
ST72321
(R/AR/J)7
ST72321
(R/AR)6
Program memory - bytes
Flash 60K
Flash 48K
Flash 32K
ROM 60K
ROM 48K
ROM 32K
RAM (stack) - bytes
2048 (256)
1536 (256)
1024 (256)
2048 (256)
1536 (256)
1024 (256)
Operating Voltage
3.8V to 5.5V
Temp. Range
up to -40°C to +125°C
Package
TQFP64 14x14 (R), TQFP64 10x10 (AR), TQFP44 10x10 (J)
1


Similar Part No. - ST72321R7TC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72321R7 STMICROELECTRONICS-ST72321R7 Datasheet
2Mb / 185P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
Rev. 1.9
ST72321R7-Auto STMICROELECTRONICS-ST72321R7-Auto Datasheet
2Mb / 243P
PLL for 2x frequency multiplication
05-Aug-2010
More results

Similar Description - ST72321R7TC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
Rev. 1.9
ST72F321 STMICROELECTRONICS-ST72F321 Datasheet
3Mb / 189P
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
18-Oct-2004
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
26-Sep-2005
ST72F521 STMICROELECTRONICS-ST72F521 Datasheet
4Mb / 215P
80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
18-May-2005
ST72321B STMICROELECTRONICS-ST72321B Datasheet
3Mb / 187P
64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
10-Apr-2007
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
04-Apr-2007
ST72325XX STMICROELECTRONICS-ST72325XX Datasheet
3Mb / 197P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
07-Oct-2008
ST72321M6 STMICROELECTRONICS-ST72321M6 Datasheet
2Mb / 175P
80-pin 8-bit MCU with 32 to 60 Kbytes Flash, ADC, five timers, SPI, SCI, I2C interface
04-May-2009
ST72F521R6TA STMICROELECTRONICS-ST72F521R6TA Datasheet
3Mb / 215P
80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
18-May-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com