Electronic Components Datasheet Search
  English  ▼

X  

ST72321R7TC Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST72321R7TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R7TC Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST72321R7TC Datasheet HTML 176Page - STMicroelectronics ST72321R7TC Datasheet HTML 177Page - STMicroelectronics ST72321R7TC Datasheet HTML 178Page - STMicroelectronics ST72321R7TC Datasheet HTML 179Page - STMicroelectronics ST72321R7TC Datasheet HTML 180Page - STMicroelectronics ST72321R7TC Datasheet HTML 181Page - STMicroelectronics ST72321R7TC Datasheet HTML 182Page - STMicroelectronics ST72321R7TC Datasheet HTML 183Page - STMicroelectronics ST72321R7TC Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 189 page
background image
ST72321
180/189
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.3 DEVELOPMENT TOOLS
STMicroelectronics offers a range of hardware
and software development tools for the ST7 micro-
controller family. Full details of tools available for
the ST7 from third party manufacturers can be ob-
tained from the STMicroelectronics Internet site:
http//www.st.com.
Tools from these manufacturers include C compli-
ers, evaluation tools, emulators and programmers.
Emulators
Two types of emulators are available from ST for
the ST72321 family:
■ ST7 DVP3 entry-level emulator offers a flexible
and modular debugging and programming
solution. SDIP42 & SDIP32 probes/adapters
are included, other packages need a specific
connection kit (refer to Table 29)
■ ST7 EMU3 high-end emulator is delivered with
everything (probes, TEB, adapters etc.) needed
to start emulating the ST72321. To configure it
to emulate other ST7 subfamily devices, the
active probe for the ST7EMU3 can be changed
and the ST7EMU3 probe is designed for easy
interchange of TEBs (Target Emulation Board).
See Table 29.
In-circuit Debugging Kit
Two configurations are available from ST:
■ STXF521-IND/USB:
Low-cost
In-Circuit
Debugging
kit
from
Softec
Microsystems.
Includes STX-InDART/USB board (USB port)
and a specific demo board for ST72521
(TQFP64)
■ STxF-INDART
Flash Programming tools
■ ST7-STICK ST7 In-circuit Communication Kit, a
complete
software/hardware
package
for
programming ST7 Flash devices. It connects to
a host PC parallel port and to the target board or
socket board via ST7 ICC connector.
■ ICC Socket Boards provide an easy to use and
flexible means of programming ST7 Flash
devices. They can be connected to any tool that
supports the ST7 ICC interface, such as ST7
EMU3, ST7-DVP3, inDART, ST7-STICK, or
many third-party development tools.
Evaluation boards
Three different Evaluation boards are available:
■ ST7232x-EVAL
ST72F321/521
evaluation
board, with ICC connector for programming
capability. Provides direct connection to ST7-
DVP3 emulator. Supplied with daughter boards
(core module) for ST72F321, ST72F324 &
ST72F521 (the ST72F321 & ST72F324 chips
are not included)
■ ST7MDT20-EVC/xx
1 with CAB TQFP64 14x14
socket
■ ST7MDT20-EVY/xx
1
with Yamaichi TQFP64
10x10 socket
Table 29. STMicroelectronics Development Tools
Note 1: Add suffix /EU, /UK, /US for the power supply of your region.
Supported
Products
Emulation
Programming
ST7 DVP3 Series
ST7 EMU3 series
ICC Socket Board
Emulator
Connection kit
Emulator
Active Probe &
T.E.B.
ST72321AR,
ST72F321AR
ST7MDT20-DVP3
ST7MDT20-T6A/
DVP
ST7MDT20M-
EMU3
ST7MDT20M-TEB
ST7SB20M/xx1
ST72321R,
ST72F321R
ST7MDT20-T64/
DVP
ST72321J,
ST72F321J
ST7MDT20-T44/
DVP
ST7MDT20J-
EMU3
ST7MDT20J-TEB
ST7SB20J/xx1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com