Electronic Components Datasheet Search
  English  ▼

X  

ST72321R6TC Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST72321R6TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6TC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST72321R6TC Datasheet HTML 8Page - STMicroelectronics ST72321R6TC Datasheet HTML 9Page - STMicroelectronics ST72321R6TC Datasheet HTML 10Page - STMicroelectronics ST72321R6TC Datasheet HTML 11Page - STMicroelectronics ST72321R6TC Datasheet HTML 12Page - STMicroelectronics ST72321R6TC Datasheet HTML 13Page - STMicroelectronics ST72321R6TC Datasheet HTML 14Page - STMicroelectronics ST72321R6TC Datasheet HTML 15Page - STMicroelectronics ST72321R6TC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 189 page
background image
ST72321
12/189
Notes:
1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up
column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input,
else the configuration is floating interrupt input.
2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD
are not implemented). See See “I/O PORTS” on page 46. and Section 12.8 I/O PORT PIN CHARACTER-
ISTICS for more details.
3. OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscil-
lator; see Section 1 INTRODUCTION and Section 12.5 CLOCK AND TIMING CHARACTERISTICS for
more details.
4. On the chip, each I/O port may have up to 8 pads. Pads that are not bonded to external pins are in input
pull-up configuration after reset. The configuration of these pads must be kept at reset state to avoid add-
ed current consumption.
51
36
PA6 (HS)/SDAI
I/O CT HS
X
TPort A6
I2C Data 1)
52
37
PA7 (HS)/SCLI
I/O CT HS
X
TPort A7
I2C Clock 1)
53
38
VPP/ ICCSEL
I
Must be tied low. In flash programming
mode, this pin acts as the programming
voltage input VPP. See Section 12.9.2
for more details. High voltage must not
be applied to ROM devices
54
39
RESET
I/O CT
Top priority non maskable interrupt.
55
-
EVD
External voltage detector
56
TLI
I
CT
X
Top level interrupt input pin
57
40
VSS_2
S
Digital Ground Voltage
58
41
OSC23)
I/O
Resonator oscillator inverter output
59
42
OSC13)
I
External clock input or Resonator oscil-
lator inverter input
60
43
VDD_2
S
Digital Main Supply Voltage
61
44
PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
62
1
PE1/RDI
I/O CT
X
X
X
X
Port E1
SCI Receive Data In
63
-
PE2 (Flash device)
I/O CT
X
Port E2
Caution: In Flash devices this port is al-
ways input with weak pull-up.
PE2 (ROM device)
X
XX
Port E2
Caution: In ROM devices, no weak
pull-up present on this port.
In TQFP44 this pin is not connected to
an internal pull-up like other unbonded
pins (See note 4). It is recommended to
configure it as output push pull to avoid
added current consumption.
64
-
PE3
I/O CT
X
XX
X
Port E3
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com