Electronic Components Datasheet Search
  English  ▼

X  

TIP3055 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TIP3055
Description  NPN SILICON POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP3055 Datasheet(HTML) 1 Page - Power Innovations Ltd

  TIP3055 Datasheet HTML 1Page - Power Innovations Ltd TIP3055 Datasheet HTML 2Page - Power Innovations Ltd TIP3055 Datasheet HTML 3Page - Power Innovations Ltd TIP3055 Datasheet HTML 4Page - Power Innovations Ltd TIP3055 Datasheet HTML 5Page - Power Innovations Ltd TIP3055 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP3055
NPN SILICON POWER TRANSISTOR
PRODUCT
INFORMATION
1
DECEMBER 1970 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with the
TIP2955 Series
q
90 W at 25°C Case Temperature
q
15 A Continuous Collector Current
q
Customer-Specified Selections Available
SOT-93 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRAA
B
C
E
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies when the base-emitter resistance RBE = 100 Ω.
2. Derate linearly to 150°C case temperature at the rate of 0.72 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 28 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 0.4 A, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = 10 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
VCBO
100
V
Collector-emitter voltage (IB = 0) (see Note 1)
VCER
70
V
Emitter-base voltage
VEBO
7
V
Continuous collector current
IC
15
A
Continuous base current
IB
7
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
90
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
3.5
W
Unclamped inductive load energy (see Note 4)
½LIC
2
62.5
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C


Similar Part No. - TIP3055

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP3055 MOSPEC-TIP3055 Datasheet
107Kb / 3P
POWER TRANSISTORS(15A,60V,90W)
logo
Motorola, Inc
TIP3055 MOTOROLA-TIP3055 Datasheet
104Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP3055 ONSEMI-TIP3055 Datasheet
101Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1996 REV 1
logo
STMicroelectronics
TIP3055 STMICROELECTRONICS-TIP3055 Datasheet
45Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Aug-1999
logo
Wing Shing Computer Com...
TIP3055 WINGS-TIP3055 Datasheet
64Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results

Similar Description - TIP3055

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com