Electronic Components Datasheet Search
  English  ▼

X  

FR301G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR301G
Description  3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR301G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR301G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR301G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 446 -
FR301G THRU FR307G
3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
3.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
℃/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Mounting position: Any
Weight: 1.2 grams
DO-201AD
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
FR
301G
FR
302G
FR
303G
FR
304G
FR
305G
FR
306G
FR
307G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
℃
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.3
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=125
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
30
pF
Typical Thermal Resistance ( Note 3 )
R
θJA
35
O
C/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.


Similar Part No. - FR301G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR301G RECTRON-FR301G Datasheet
238Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
FR301G JGD-FR301G Datasheet
145Kb / 2P
3.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR301G BYTES-FR301G Datasheet
153Kb / 2P
3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR301G DCCOM-FR301G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR301G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR301G JGD-FR301G Datasheet
145Kb / 2P
3.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
SF31G JGD-SF31G Datasheet
171Kb / 2P
3.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFAD301G TSC-SFAD301G Datasheet
114Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
FR301G TSC-FR301G_1 Datasheet
206Kb / 2P
3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
RGP30A TSC-RGP30A Datasheet
68Kb / 2P
3.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
SF31G TSC-SF31G_1 Datasheet
258Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_10 Datasheet
584Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
FR301G TSC-FR301G_10 Datasheet
541Kb / 2P
3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
SF31G DYELEC-SF31G Datasheet
612Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
SF31GU DYELEC-SF31GU Datasheet
616Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com