Electronic Components Datasheet Search
  English  ▼

X  

HDB102G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HDB102G
Description  1.0 AMP. Glass Passivated Bridge High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HDB102G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HDB102G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HDB102G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
HDB(S)101G - HDB(S)107G
1.0 AMP. Glass Passivated
Bridge High Efficient Rectifiers
DB
DBS
.404(10.3)
.386(9.80)
.255(6.5)
.245(6.2)
.013(0.33)
.0088(0.22)
.013(0.33)
.003(0.076)
.060(1.53)
.040(1.02)
.205(5.2)
.195(5.0)
.047(1.20)
.040(1.02)
.335(8.51)
.320(8.13)
0
45
.130(3.30)
.120(3.05)
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique
High temperature soldering guaranteed:
260oC / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Small size, simple installation
Leads solderable per MIL-STD-202, Method
208
High surge current capability
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HDB
101G
HDB
102G
HDB
103G
HDB
104G
HDB
105G
HDB
106G
HDB
107G
Type Number
Symbol
HDBS
101G
HDBS
102G
HDBS
103G
HDBS
104G
HDBS
105G
HDBS
106G
HDBS
107G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA = 40
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
500
uA
uA
Maximum Reverse Recovery Time ( Note 2 )
Trr
50
75
nS
Typical Thermal Resistance
( Note 3 )
RθJA
RθJL
40
15
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. DBS for Surface Mount Package.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
3. Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on
P.C.B. with 0.2” x 0.2”” (5 x 5mm) Copper Pads


Similar Part No. - HDB102G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HDB102G MCC-HDB102G Datasheet
98Kb / 2P
1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
HDB102G TSC-HDB102G Datasheet
109Kb / 2P
1.0 AMP. Glass Passivated Bridge High Efficient Rectifiers
logo
Shanghai Lunsure Electr...
HDB102G CHENYI-HDB102G Datasheet
64Kb / 2P
1.0Amp glass passivated bridge high efficient rectifier 50to1000 volts
logo
Shenzhen Luguang Electr...
HDB102G LUGUANG-HDB102G Datasheet
243Kb / 2P
1.0 AMP. Glass Passivated Bridge High Efficient Rectifiers
More results

Similar Description - HDB102G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT11G TSC-HT11G Datasheet
64Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HDB101G TSC-HDB101G Datasheet
109Kb / 2P
1.0 AMP. Glass Passivated Bridge High Efficient Rectifiers
HER101G TSC-HER101G Datasheet
70Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101SG TSC-HER101SG_10 Datasheet
588Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HDB101G LUGUANG-HDB101G Datasheet
243Kb / 2P
1.0 AMP. Glass Passivated Bridge High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A_13 Datasheet
433Kb / 4P
1.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com