Electronic Components Datasheet Search
  English  ▼

X  

477 Datasheet(PDF) 1 Page - France Joint

Part # 477
Description  WIPER SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

477 Datasheet(HTML) 1 Page - France Joint

  477 Datasheet HTML 1Page - France Joint 477 Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The BECA 477 profile is a
single acting wiper seal with a
polyurethane metal insert.
ADVANTAGES
Tight and precise fitting in the housing
Very good external wiping effect
Excellent abrasion and wear resistance
APPLICATIONS
Agriculture
Mobile machinery
Material handling - Lifting
Hydraulic cylinders
MATERIALS
Profiled seal
PU 94 Shore A - White
Metal cage
Steel
Other grades of materials are available.
Please contact our experts.
TECHNICAL DATA
Temperature
-30°C / +110°C
Speed
1 m/s
Media
Mineral hydraulic oils
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
CHAMFER
The chamfer length as well as the chamfer angle are determined by the rod seal.
WIPER SEALS
BECA 477
HYDRAULIC SEALS | WIPER SEALS |
BECA 477


Similar Part No. - 477

ManufacturerPart #DatasheetDescription
logo
Littelfuse
477 LITTELFUSE-477 Datasheet
420Kb / 3P
Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Pomona Electronics
4770 POMONA-4770 Datasheet
20Kb / 1P
Spring-Loaded Binding Post
logo
American Electronic Com...
4770 AEC-4770 Datasheet
164Kb / 1P
Tip Over Switch ??Mercury
logo
Heyco.
4770 HEYCO-4770 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
More results

Similar Description - 477

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JA3502 HONGFA-JA3502 Datasheet
37Kb / 1P
WIPER CONTROLLER
JA3504 HONGFA-JA3504 Datasheet
38Kb / 1P
WIPER CONTROLLER
JA3507 HONGFA-JA3507 Datasheet
38Kb / 1P
WIPER CONTROLLER
JA3507A HONGFA-JA3507A Datasheet
39Kb / 1P
WIPER CONTROLLER
logo
Tyco Electronics
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
2350 ETC2-2350 Datasheet
134Kb / 2P
TechClean Wiper
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Hongfa Technology
HF3606 HONGFA-HF3606 Datasheet
61Kb / 3P
WIPER CONTROLLER
HF3504 HONGFA-HF3504 Datasheet
54Kb / 2P
WIPER INTERMITTENT CONTROLLER
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com