Electronic Components Datasheet Search
  English  ▼

X  

480.050 Datasheet(PDF) 3 Page - France Joint

Part # 480.050
Description  WIPER SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

480.050 Datasheet(HTML) 3 Page - France Joint

  480.050 Datasheet HTML 1Page - France Joint 480.050 Datasheet HTML 2Page - France Joint 480.050 Datasheet HTML 3Page - France Joint 480.050 Datasheet HTML 4Page - France Joint 480.050 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.francejoint.com
Ød2
L1
C
R2
60°
L2 min
L3=1,0
R1
INSTALLATION DIMENSIONS
Rod diameter
Ød1 f8/h9
Groove diameter
Bore diameter
Groove width
Step width
O’Ring
cross-section
Standard range
Extended range
ØD1 H9
ØD2 H11
L1 0/+0.20
L2 min
Ød2
4.0 - 11.9
4.0 - 130.0
d1 + 4.80
d1 + 2.70
3.70
2.00
1.78
12.0 - 64.9
10.0 - 245.0
d1 + 6.80
d1 + 3.50
5.00
2.00
2.62
65.0 - 250.9
25.0 - 400.0
d1 + 8.80
d1 + 4.00
6.00
3.00
3.53
251.0 - 420.9
40.0 - 655.0
d1 + 12.20
d1 + 4.50
8.40
4.00
5.33
421.0 - 650.9
110.0 - 655.0
d1 + 16.00
d1 + 5.20
11.00
4.00
6.99
* The codes that define the materials are set out in the materials table on the previous page.
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Materials ________ : Friction ring, PTFE + 60% Bronze - Code DB
________________ : NBR 70 Shore A O'Ring - Code K6
Rod diameter _____ : Ød1 = 50.00 mm
Groove diameter __ : ØD1 = 58.80 mm
Part number______ : 480. 050DBK6
Family
Rod diameter
Friction ring material*
O'Ring material*
480.
050
DB
K6
Part number -
HYDRAULIC SEALS | WIPER SEALS |
BECA 480



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com