Electronic Components Datasheet Search
  English  ▼

X  

HER302 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER302
Description  3.0 AMPS. High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER302 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER302 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER302 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 320 -
HER301 THRU HER308
3.0 AMPS. High Efficient Rectifiers
Voltage Range
50 to 1000 Volts
Current
3.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 1.2grams
DO-201AD
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
301
HER
302
HER
303
HER
304
HER
305
HER
306
HER
307
HER
308
Units
Maximum Recurrent Peak Reverse
Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
℃
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=100
℃
IR
10
200
uA
uA
Maximum Reverse Recovery Time
(Note 1)
Trr
50
75
nS
Typical Junction capacitance (Note 2)
Cj
70
50
pF
Typical Thermal Resistance (Note 3)
R
θJA
40
℃/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 16mm x 16mm on PCB.


Similar Part No. - HER302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER302 MOSPEC-HER302 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
HER302 WTE-HER302 Datasheet
48Kb / 3P
3.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER302 ZOWIE-HER302 Datasheet
51Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
HER302 RECTRON-HER302 Datasheet
288Kb / 2P
HIGH EFFICIENCY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere)
logo
Jinan Gude Electronic D...
HER302 JGD-HER302 Datasheet
169Kb / 2P
3.0 AMPS.HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER302

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER301 TSC-HER301_1 Datasheet
269Kb / 2P
3.0 AMPS. High Efficient Rectifiers
HER301G TSC-HER301G_1 Datasheet
271Kb / 2P
3.0 AMPS. Glass Passivated High Efficient Rectifiers
HS3A TSC-HS3A_1 Datasheet
238Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3AB TSC-HS3AB Datasheet
249Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HER301-UF5400 YANGJIE-HER301-UF5400 Datasheet
315Kb / 2P
3.0 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Daya Electric Group Co....
HER301 DAYA-HER301 Datasheet
290Kb / 2P
3.0 AMPS. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER301 TSC-HER301_10 Datasheet
566Kb / 2P
3.0 AMPS. High Efficient Rectifiers
HS3A TSC-HS3A_10 Datasheet
434Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS3A LUGUANG-HS3A Datasheet
225Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3AB LUGUANG-HS3AB Datasheet
243Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com