Electronic Components Datasheet Search
  English  ▼

X  

EVAL-ADG772EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # EVAL-ADG772EBZ
Description  CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG772EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button EVAL-ADG772EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG772
Rev. 0 | Page 11 of 12
TERMINOLOGY
IDD
Positive supply current.
VD (VS)
Analog voltage on Terminal D and Terminal S.
RON
Ohmic resistance between Terminal D and Terminal S.
RFLAT (On)
The difference between the maximum and minimum values of
on resistance as measured on the switch.
ΔRON
On resistance match between any two channels.
IS (Off)
Source leakage current with the switch off.
ID (Off)
Drain leakage current with the switch off.
ID, IS (On)
Channel leakage current with the switch on.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
CS (Off)
Off switch source capacitance. Measured with reference
to ground.
CD (Off)
Off switch drain capacitance. Measured with reference
to ground.
CD, CS (On)
On switch capacitance. Measured with reference to ground.
CIN
Digital input capacitance.
tON
Delay time between the 50% and 90% points of the digital input
and switch on condition.
tOFF
Delay time between the 50% and 90% points of the digital input
and switch off condition.
tBBM
On or off time measured between the 80% points of both
switches when switching from one to another.
Charge Injection
Measure of the glitch impulse transferred from the digital input
to the analog output during on/off switching.
Off Isolation
Measure of unwanted signal coupling through an off switch.
Crosstalk
Measure of unwanted signal that is coupled from one channel to
another as a result of parasitic capacitance.
−3 dB Bandwidth
Frequency at which the output is attenuated by 3 dB.
On Response
Frequency response of the on switch.
Insertion Loss
The loss due to the on resistance of the switch.
THD + N
Ratio of the harmonics amplitude plus noise of a signal to the
fundamental.
TSKEW
The measure of the variation in propagation delay between each
channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com