Electronic Components Datasheet Search
  English  ▼

X  

LNO640D1 Datasheet(PDF) 4 Page - Rakon Limited

Part # LNO640D1
Description  Low Noise Oscillator series OCSO @ 640 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

LNO640D1 Datasheet(HTML) 4 Page - Rakon Limited

  LNO640D1 Datasheet HTML 1Page - Rakon Limited LNO640D1 Datasheet HTML 2Page - Rakon Limited LNO640D1 Datasheet HTML 3Page - Rakon Limited LNO640D1 Datasheet HTML 4Page - Rakon Limited LNO640D1 Datasheet HTML 5Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Noise Oscillator series
LNO 640 D1
OCSO @ 640 MHz
LNO 640 D1 - Revision F – October 2017
4 / 5
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y
t o p r o v i d e o p t i m u m p e r f o r m a n c e a n d c o s t
In dynamic environment (free running mode)
4.6
With the following random vibration spectrum (ref. 1.4):
The Single Side Band Phase Noise in dynamic environment is as described below :
5.0
BIT output
Line
Parameter
Test Condition
Typ. Value
Guaranteed
Unit
5.1
Oscillator ready
In PLL mode, this signal reflects PLL
locking state
‘Hi Z’
5.2
Alarm
‘0’



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com