Electronic Components Datasheet Search
  English  ▼

X  

RK407 Datasheet(PDF) 2 Page - Rakon Limited

Part # RK407
Description  HIGH RELIABILITY 10-7 STABILITY CLASS OCXO | SPACE SOLUTIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

RK407 Datasheet(HTML) 2 Page - Rakon Limited

  RK407 Datasheet HTML 1Page - Rakon Limited RK407 Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH RELIABILITY 10-7 STABILITY CLASS OCXO | SPACE SOLUTIONS
Issue: 51001922.110, Issue A2. 05 January 2023
Specifications are subject to change without notice
Copyright © 2018 to 2023, Rakon Limited. All right reserved
Page 2 of 2
sales@rakon.com
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Nominal frequency (Fn)
Standard frequencies:
10, 40, 100 and 120 MHz
-
10 – 130
-
MHz
Steady state supply power
Vacuum, EOL, @-40 °C
-
-
1.1
W
Warm up supply power
Vacuum, EOL
-
-
2.1
W
Initial frequency accuracy
Vacuum (with VC)
-
-
±0.4
ppm
Frequency adjustment
With VC
-
-
±1.2
ppm
Frequency stability
over temperature (FvT)
-20°C to 70°C
-40°C to 70°C
-
-
±0.1
±0.25
ppm
Supply voltage stability (FvT)
Over operating temperature
-
-
±0.05
ppm
Load sensitivity (FvT)
Over operating temperature
-
-
±0.05
ppm
Pressure (FvT)
Atm to vacuum
-
-
±0.2
ppm
Ageing (FvT) over 1 day
Fnom: 10 to 45 MHz
Fnom: 90 to 130 MHz
-
-
±5
±10
ppb
Ageing (FvT) over 1 year
Fnom: 10 to 130 MHz
-
-
±0.3
ppm
Ageing (FvT) over 18 years
Fnom: 10 to 130 MHz
-
-
±1
ppm
Allan variance
tau = 1 s
-
-
5E-11
-
Frequency warm up
Time needed to reach the initial frequency
accuracy (1h ref.)
-
-
7
mn
Output waveform
Sine
-
-
-
-
Output level
BOL: 12 V
BOL: 5 V
5
4
-
6
5
dBm
Harmonics level
-
-
-25
dBc
Spurious level
100 Hz to 100 kHz
100 kHz to 5 GHz
-
-
-100
-85
dBc
Ordering Part Example
Product Family
RK = Rakon
4xx = OCXO
07 = 10-7 stability class
Frequency Adjustment
1 = Internal calibration
2 = Voltage controlled
Frequency (Fn)
100M000000 = 10 MHz (Fn)
RK 4 0 7 1 1 FM 1 0M 00 0 000
Model Option
EM = EM
EQM = EQM
FM = FM
Supply Voltage
1 = 12 V
2 = 5 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com