Electronic Components Datasheet Search
  English  ▼

X  

RK409AV Datasheet(PDF) 1 Page - Rakon Limited

Part # RK409AV
Description  Space Ultra Stable Oscillator (USO) Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

RK409AV Datasheet(HTML) 1 Page - Rakon Limited

  RK409AV Datasheet HTML 1Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RK409GP & RK409AV | Space Ultra Stable Oscillator (USO) Series
Issue: A3, 51002753.110. 8 April 2024
Specifications are subject to change without notice
Copyright © 2020 to 2024, Rakon Limited. All right reserved
Page 1 of 1
Contact Us
RK409 Space OCXO Update
Introducing two new Space USOs: RK409GP and RK409AV
Please note that the RK409 Space OCXO datasheet is temporarily unavailable as it is being
updated.
Starting next month, we are excited to offer two specific variants:
1. RK409GP: Designed for general-purpose (GP) space applications
2. RK409AV: Tailored for space applications requiring exceptional Allan Deviation (ADEV)


Similar Part No. - RK409AV

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RK409AVNS RAKON-RK409AVNS Datasheet
687Kb / 4P
10-9 STABILITY CLASS OCXO | NEWSPACE SOLUTIONS
14 May 2024
RK409AVNS12EM10.23M RAKON-RK409AVNS12EM10.23M Datasheet
687Kb / 4P
10-9 STABILITY CLASS OCXO | NEWSPACE SOLUTIONS
14 May 2024
RK409AVNS12EM10.24M RAKON-RK409AVNS12EM10.24M Datasheet
687Kb / 4P
10-9 STABILITY CLASS OCXO | NEWSPACE SOLUTIONS
14 May 2024
RK409AVNS12EM10M RAKON-RK409AVNS12EM10M Datasheet
687Kb / 4P
10-9 STABILITY CLASS OCXO | NEWSPACE SOLUTIONS
14 May 2024
RK409AVNS12FM10.23M RAKON-RK409AVNS12FM10.23M Datasheet
687Kb / 4P
10-9 STABILITY CLASS OCXO | NEWSPACE SOLUTIONS
14 May 2024
More results

Similar Description - RK409AV

ManufacturerPart #DatasheetDescription
logo
TEMEX
MINIUSO TEMEX-MINIUSO Datasheet
393Kb / 5P
Space Qualified Mini USO - Ultra Stable Crystal Oscillator, General Specification (rev1)
RK407 TEMEX-RK407 Datasheet
334Kb / 2P
Space Oven Controlled Crystal Oscillator
RK408 TEMEX-RK408 Datasheet
348Kb / 2P
Space Oven Controlled Crystal Oscillator
RK409 TEMEX-RK409 Datasheet
589Kb / 7P
Space Oven Controlled Crystal Oscillator
RK410 TEMEX-RK410 Datasheet
194Kb / 6P
Mini USO
logo
Chengdu Xtaltq Technolo...
BT0914A XTAITQ-BT0914A_V01 Datasheet
307Kb / 2P
Ultra Stable
BT1220 XTAITQ-BT1220 Datasheet
243Kb / 2P
Ultra Stable
logo
Skyworks Solutions Inc.
SI560 SKYWORKS-SI560 Datasheet
1Mb / 22P
Ultra Series™ Crystal Oscillator
Revision 206618A May, 2023
SI561 SKYWORKS-SI561 Datasheet
1Mb / 22P
Ultra Series™ Crystal Oscillator
Revision 206619A May, 2023
SI564 SKYWORKS-SI564 Datasheet
1Mb / 38P
Ultra Series™ Crystal Oscillator
Revision 206621A May, 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com