Electronic Components Datasheet Search
  English  ▼

X  

KBL605 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBL605
Description  Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBL605 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBL605 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBL605 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 678 -
KBL601 THRU KBL607
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
6.0 Amperes
Features
UL Recognized File # E-96005
Ideal for printed circuit board
Reliable low cost construction
High surge current capability
High temperature soldering guaranteed:
260
℃ / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Leads solderable per MIL-STD-202,
Method 208
KBL
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol KBL
601
KBL
602
KBL
603
KBL
604
KBL
605
KBL
606
KBL
607
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current @TA = 50
℃ (Note 1)
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@ 6.0A
VF
1.1
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=100
℃
IR
10
500
uA
uA
Typical thermal Resistance (Note 1)
(Note 2)
R
θJA
R
θJL
19
2.4
℃/W
Operating Temperature Range TJ
TJ
-55 to +125
℃
Storage Temperature Range TSTG
TSTG
-55 to +150
℃
Note: 1. Thermal Resistance from Junction to Ambient Al-Plate.
2. Thermal resistance from Junction to Lead with units Mounted on P.C.B. at 0.375” (9.5mm)
Lead Length and 0.6” x 0.6” (16mm x 16mm) Copper Pads.


Similar Part No. - KBL605

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBL605 ETC-KBL605 Datasheet
70Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
DAESAN ELECTRONIC CORP.
KBL605 DAESAN-KBL605 Datasheet
227Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Diotech Company.
KBL605 DIOTECH-KBL605 Datasheet
907Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
KBL605 LUGUANG-KBL605 Datasheet
221Kb / 2P
Single Phase 6.0AMP. Silicon Bridge Rectifiers
logo
Zibo Seno Electronic En...
KBL605 ZSELEC-KBL605 Datasheet
84Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBL605

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBU601 SURGE-KBU601 Datasheet
114Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
Jinan Gude Electronic D...
KBPC600 JGD-KBPC600 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBL605 ETC-KBL605 Datasheet
70Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Taiwan Semiconductor Co...
SB6 TSC-SB6 Datasheet
110Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBU601 TSC-KBU601 Datasheet
53Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBU601 TSC-KBU601_1 Datasheet
168Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBL601 TSC-KBL601_1 Datasheet
259Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC6-BR6 YANGJIE-KBPC6-BR6 Datasheet
255Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601_10 Datasheet
496Kb / 2P
Single Phase 6.0 AMPS. Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com