Electronic Components Datasheet Search
  English  ▼

X  

TIPL762 Datasheet(PDF) 6 Page - Power Innovations Ltd

Part # TIPL762
Description  NPN SILICON POWER TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPL762 Datasheet(HTML) 6 Page - Power Innovations Ltd

  TIPL762 Datasheet HTML 1Page - Power Innovations Ltd TIPL762 Datasheet HTML 2Page - Power Innovations Ltd TIPL762 Datasheet HTML 3Page - Power Innovations Ltd TIPL762 Datasheet HTML 4Page - Power Innovations Ltd TIPL762 Datasheet HTML 5Page - Power Innovations Ltd TIPL762 Datasheet HTML 6Page - Power Innovations Ltd TIPL762 Datasheet HTML 7Page - Power Innovations Ltd TIPL762 Datasheet HTML 8Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TIPL762, TIPL762A
NPN SILICON POWER TRANSISTORS
6
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
THERMAL INFORMATION
Figure 9.
THERMAL RESPONSE JUNCTION TO CASE
vs
POWER PULSE DURATION
t
1 - Power Pulse Duration - s
10-5
10-4
10-3
10-2
10-1
0·001
0·01
0·1
1·0
TCP762AG
t1
t2
duty cycle = t1/t2
Read time at end of t1,
T
J(max) - TC = PD(peak) ·
· RθθJC(max)
ZθθJC
RθθJC
( )
5%
10%
20%
50%
2%
0%
1%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com