Electronic Components Datasheet Search
  English  ▼

X  

MBS2 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBS2
Description  Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBS2 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBS2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBS2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 693 -
RATINGS AND CHARACTERISTIC CURVES (MBS2 THRU
)
MBS10
FIG.1- DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
60
160
NUMBER OF CYCLES
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER LEG
FIG.3- TYPICAL FORWARD VOLTAGE
CHARACTERISTICS PER LEG
FIG.4- TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
140
100
80
20
0
5
0.2
1
100
10
1
10
0.1
0.01
10
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
020
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
Tj=40 C
Single Half Sine-Wave
(JEDEC Method)
O
F=60 Hz
F=50 Hz
1 Cycle
AMBIENT TEMPERATURE. ( C)
O
10
15
20
25
30
35
100
0.1
0.01
0.1
0
0.3
0.4
0.5
0.6
0.7
0.8
0
40
120
Glass
Epoxy
P.C.B
Resistive or Inductive Load
FIG.5- TYPICAL JUNCTION CAPACTITANCE
PER LEG
REVERSE VOLTAGE. (V)
0.1
1
10
100
200
0
5
10
15
20
25
30
Tj=150 C
0
Tj=25 C
0
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
m
Tj=25 C
f=1MHz
Vsig = 50mVp-p
Aluminum Substrate



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com