Electronic Components Datasheet Search
  English  ▼

X  

MBS2 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBS2
Description  Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBS2 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBS2_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBS2_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 646 -
Version: B07
MBS2 - MBS10
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS
.193(4.90)
.177(4.50)
.033(0.84)
.022(0.56)
.142(3.60)
.157(4.00)
.272(6.9)
MAX
.087(2.20)
.102(2.60)
.106(2.70)
.090(2.30)
.053(1.53)
.037(0.95)
.014(0.35
.006(0.15
.008(0.20)
MAX
.114(2.9)
MAX
.028(0.70)
.043(1.10) .083(2.12)
.043(1.10)
Features
UL Recognized File # E-96005
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique
High surge current capability
High temperature soldering guaranteed:
260 oC / 10 seconds at 5 lbs., (2.3 kg )
tension
Small size, simple installation
Leads solderable per MIL-STD-202
Method 208
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBS2 MBS4 MBS6 MBS8 MBS10 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
On glass-epoxy P.C.B.
On aluminum substrate
I(AV)
0.5
0.8
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
35
A
Maximum Instantaneous Forward Voltage
@ 0.4A
VF
1.0
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
100
uA
uA
Typical Junction Capacitance Per Leg
Cj
13
pF
Typical Thermal Resistance Per Leg
RθJA
85
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Note: 1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0 Volts D.C.


Similar Part No. - MBS2_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2_11 Datasheet
150Kb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2_15 Datasheet
198Kb / 4P
Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2_16 Datasheet
198Kb / 4P
0.8A, 200V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - MBS2_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS20P01G TSC-TS20P01G Datasheet
50Kb / 2P
Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2 Datasheet
55Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2_11 Datasheet
150Kb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Jinan Jing Heng Electro...
MB2F JINGHENG-MB2F Datasheet
1Mb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
MB10F JINGHENG-MB10F Datasheet
1Mb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS2-280-8A-29 DGNJDZ-ABS2-280-8A-29 Datasheet
411Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
LX005M DGNJDZ-LX005M Datasheet
825Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
M05F YIXIN-M05F Datasheet
140Kb / 2P
0.8 A Single-Phase Glass Passivated Bridge Rectifiers
logo
Guangdong Youtai Semico...
MB05M UMW-MB05M Datasheet
615Kb / 2P
0.8 A Single-Phase Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com