Electronic Components Datasheet Search
  English  ▼

X  

HMC608 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC608
Description  GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC608 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC608 Datasheet HTML 1Page - Hittite Microwave Corporation HMC608 Datasheet HTML 2Page - Hittite Microwave Corporation HMC608 Datasheet HTML 3Page - Hittite Microwave Corporation HMC608 Datasheet HTML 4Page - Hittite Microwave Corporation HMC608 Datasheet HTML 5Page - Hittite Microwave Corporation HMC608 Datasheet HTML 6Page - Hittite Microwave Corporation HMC608 Datasheet HTML 7Page - Hittite Microwave Corporation HMC608 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
3 - 104
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC608
GaAs PHEMT MEDIUM
POWER AMPLIFIER, 9.5 - 11.5 GHz
v01.0707
General Description
Features
Functional Diagram
The HMC608 is a high dynamic range GaAs PHEMT
MMIC Medium Power Amplifier chip. The amplifier
has two modes of operation: high gain mode (Vpd pin
shorted to ground); and low gain mode (Vpd pin left
open). The electrical specifications in the table below
are shown for the amplifier operating in high gain
mode. Operating from 9.5 to 11.5 GHz, the amplifier
provides 32 dB of gain, +27.5 dBm of saturated power
and 23% PAE from a +5.0 V supply voltage. Noise
figure is 5.5 dB while output IP3 is +33 dBm. The RF
I/Os are DC blocked and matched to 50 Ohms for
ease of use.
Output IP3: +33 dBm
Saturated Power: +27.5 dBm @ 23% PAE
Gain: 32 dB
Supply: +5V @ 310 mA
50 Ohm Matched Input/Output
2.1 x 1.2 x 0.1 mm Die Size
Electrical Specifications, T
A = +25° C, Vdd1, 2, 3 = 5V, Idd = 310 mA
[1], Vpd = GND[2]
Typical Applications
The HMC608 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Military End-Use
Parameter
Min.
Typ.
Max.
Units
Frequency Range
9.5 - 11.5
GHz
Gain [3]
28
32
dB
Gain Variation Over Temperature
0.02
0.03
dB/ °C
Input Return Loss
12
dB
Output Return Loss
20
dB
Output Power for 1 dB Compression (P1dB)
23
27
dBm
Saturated Output Power (Psat)
27.5
dBm
Output Third Order Intercept (IP3)
33
dBm
Noise Figure
5.5
dB
Supply Current (Idd = Idd1 +Idd2 +Idd3)(Vdd = +5V, Vgg = -2.6V Typ.) [3]
310
350
mA
[1] Adjust Vgg between -3 to 0V to achieve Idd = 310 mA typical.
[2] Vpd= ground for high gain mode, Vpd = open for low gain mode.
[3] In low gain mode, typical gain is 22 dB and typical current is 67 mA.


Similar Part No. - HMC608

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC608 HITTITE-HMC608 Datasheet
295Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
1Mb / 6P
GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
logo
Analog Devices
HMC608LC4 AD-HMC608LC4 Datasheet
367Kb / 8P
GaAs pHEMT MEDIUM POWER AMPLIFIER
HMC608LC4 AD-HMC608LC4 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results

Similar Description - HMC608

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC498LC4 HITTITE-HMC498LC4 Datasheet
333Kb / 6P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608 HITTITE-HMC608_07 Datasheet
295Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5_09 Datasheet
273Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC608LC4 HITTITE-HMC608LC4_10 Datasheet
1Mb / 6P
GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608 HITTITE-HMC608_10 Datasheet
298Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com