Electronic Components Datasheet Search
  English  ▼

X  

SS82 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SS82
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS82 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SS82 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS82 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
TL, LEAD TEMPERATURE ( )
FIG.3-FORWARD SURGE CURRENT
DERATING CURVE
VR, DC REVERSE VOLTAGE (V)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
RATINGS AND CHARACTERISTIC CURVES SS82 THRU SS810
10
8
6
4
2
0
100
10
1
0.1
0.01
0.001
0
40
80
20
60
120
100
140
75
0
1500
1200
900
600
300
0
135
120
30
15
60
45
105
90
150
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
NUMBER OF CYCLES AT 60Hz
150
120
90
60
30
0
10
0
100
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
100
10
0
0.4
1.0
0.8
0.2
0.6
1.0
0.1
https://dec.co.kr
DAESAN ELECTRONIC CORP.
SS82~SS84
SS85~SS810
RESISTIVE OR
INDUCTIVE LOAD
TA=25
SS82~SS84
SS85~SS86
SS88~SS810
PULSE WIDTH=300 s
1% DUTY CYCLE
TJ=25
TJ=125
TJ=75
SINGLE HALF SINE WAVE
(JEDEC METHOD)
SS82~SS84
SS85~SS810
f=1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com