Electronic Components Datasheet Search
  English  ▼

X  

SS84 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SS84
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS84 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SS84 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS84 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS82 THRU SS810
Features
· Low Forward Voltage
· Epitaxial Construction with Oxide Passivation
· Guard Ring for Transient and ESD Protection
· Surge Overload Rating to 150A Peak
· Low Power Loss
· Fast Switching
· Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes
Maximum Ratings (TA=25 unless otherwise specified.)
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
Average Rectified Output Current (1)
V
Units
A
A
Peak Reverse Current
at Rated DC Blocking Voltage
Thermal Resistance, Junction to Ambient (1)
mA
Forward Voltage at IF=8.0A
Items
Mechanical Data
· Case : SMC/DO-214AB, Molded Plastic
· Terminals : Solder Plated, Solderable
per MIL-STD-750, Method 2026
· Polarity : Cathode Band or Cathode Notch
· Marking : Type Number
· Weight : 0.21 grams (approx.)
· Lead Free : For RoHS / Lead Free Version
Dimensions in inches and (millimeters)
SS82
150
50
0.5
-55 to +150
Storage Temperature Range
231117-01K
Notes:
(1) Mounted on FR-4 PCB with 14 x 14mm copper pads.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
-55 to +150
-55 to +125
Operating Temperature Range
CURRENT 8.0 A
VOLTAGE 20 to 100 V
50
20
30
40
50
8.0
0.55
0.75
V
Symbols
TJ
TJ
60
80
14
21
28
35
42
56
90
63
100
70
0.85
SS83 SS84 SS85 SS86 SS88 SS89 SS810
V
VRRM
VRWM
VR
IO
VFM
IRM
TJ
TSTG
VR(RMS)
IFSM
R
Thermal Resistance, Junction to Lead (1)
14
R
Typical Junction Capacitance (2)
350
450
pF
CJ
https://dec.co.kr
DAESAN ELECTRONIC CORP.
SCHOTTKY BARRIER RECTIFIER
DO-214AB(SMC)
0.008(0.203)
MAX.
0.114(2.90)
0.126(3.20)
0.220(5.59)
0.245(6.22)
0.260(6.60)
0.280(7.11)
0.006(0.152)
0.012(0.305)
0.305(7.75)
0.320(8.13)
0.030(0.76)
0.060(1.52)
0.081(2.06)
0.103(2.62)


Similar Part No. - SS84

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS84 FRONTIER-SS84 Datasheet
125Kb / 2P
8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS84 LUGUANG-SS84 Datasheet
315Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Formosa MS
SS84 FORMOSA-SS84 Datasheet
122Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS84 CHENDA-SS84 Datasheet
868Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS84 DGNJDZ-SS84 Datasheet
665Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
More results

Similar Description - SS84

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com