Electronic Components Datasheet Search
  English  ▼

X  

ESD701 Datasheet(PDF) 6 Page - Texas Instruments

Part # ESD701
Description  ESD701 Low Capacitance ESD Diode for RF and ADAS Signal Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD701 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ESD701 Datasheet HTML 2Page - Texas Instruments ESD701 Datasheet HTML 3Page - Texas Instruments ESD701 Datasheet HTML 4Page - Texas Instruments ESD701 Datasheet HTML 5Page - Texas Instruments ESD701 Datasheet HTML 6Page - Texas Instruments ESD701 Datasheet HTML 7Page - Texas Instruments ESD701 Datasheet HTML 8Page - Texas Instruments ESD701 Datasheet HTML 9Page - Texas Instruments ESD701 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
5.7 Typical Characteristics
Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
-2.5
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
Figure 5-1. Positive TLP Curve
Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
-2.5
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
Figure 5-2. Negative TLP Curve
Bias Voltage (V)
-25
-20
-15
-10
-5
0
5
10
15
20
25
150
170
190
210
230
250
270
290
310
330
350
Figure 5-3. Bias Voltage vs. Capacitance
Voltage (V)
-40
-30
-20
-10
0
10
20
30
40
-2.25
-1.75
-1.25
-0.75
-0.25
0.25
0.75
1.25
1.75
2.25
Vhold Vtrigger
Vhold
Vtrigger
Figure 5-4. DC-IV Curve
Figure 5-5. 8/20 μs Surge Response
ESD701
SLVSI66 – OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ESD701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com