Electronic Components Datasheet Search
  English  ▼

X  

MUR160 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MUR160
Description  1.0 AMPS. Glass Passivated High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MUR160 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MUR160 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MUR160 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (MUR160 THRU MUR190)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
T , AMBIENT TEMPERATURE ( C)
A
O
RATED V
R
= 50 C/W
R
JA
O
0
50
100
150
200
250
2
1
0
FIG.4- TYPICAL TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Tj = 100 C
O
Tj=25 C
O
0
20
4060
80100
0.001
0.01
0.1
1
10
100
FIG.2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 50 Hz
1
10
100
0
10
20
30
40
50
FIG.3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (V)
0
0.4
0.8
1.2
1.6
2.0
2.4
0.01
0.1
1
10
80
Tj=25 C
O
Tj = 100 C
O
MUR160
MUR190
FIG.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (V)
Tj = 25 C
f = 1.0 MHz
Vsig = 50m Vp-p
O
0.1
1
10
100
1
10
100
MUR160
MUR190
Version: A06
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com