Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT04-EP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT04-EP
Description  SN74ACT04-Q1 Automotive Hex Inverters with TTL-Compatible Inputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT04-EP Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74ACT04-EP Datasheet HTML 10Page - Texas Instruments SN74ACT04-EP Datasheet HTML 11Page - Texas Instruments SN74ACT04-EP Datasheet HTML 12Page - Texas Instruments SN74ACT04-EP Datasheet HTML 13Page - Texas Instruments SN74ACT04-EP Datasheet HTML 14Page - Texas Instruments SN74ACT04-EP Datasheet HTML 15Page - Texas Instruments SN74ACT04-EP Datasheet HTML 16Page - Texas Instruments SN74ACT04-EP Datasheet HTML 17Page - Texas Instruments SN74ACT04-EP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
8.4.2 Layout Example
W
W
≥ 5W
WORST
BETTER
BEST
Figure 8-3. Example Trace Corners for Improved Signal Integrity
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
V
CC
GND
V
CC
0.1
F
Figure 8-4. Example Bypass Capacitor Placement
for TSSOP and Similar Packages
0.1
F
VCC
GND
1
20
10
11
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
GND
V
CC
GND
Figure 8-5. Example Bypass Capacitor Placement
for WQFN and Similar Packages
1
2
3
6
5
4
GND
GND
V
CC
0.1
F
V
CC
Figure 8-6. Example Bypass Capacitor Placement for SOT, SC70 and Similar Packages
22
Long controlled-impedance trace
Receiving Port
Transmitting Port
Figure 8-7. Example Damping Resistor Placement for Improved Signal Integrity
SN74ACT04-Q1
SCASE24 – NOVEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74ACT04-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com