Electronic Components Datasheet Search
  English  ▼

X  

HMC625LP5 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC625LP5
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC625LP5 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC625LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC625LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC625LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC625LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC625LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC625LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC625LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC625LP5 Datasheet HTML 9Page - Hittite Microwave Corporation HMC625LP5 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
14 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
14
Pin Number
Function
Description
Interface Schematic
1AMPIN
This pin is DC coupled.
An off chip DC blocking capacitor is required.
29
AMPOUT
RF output and DC bias (Vcc) for the output stage of the
amplifier.
2, 3, 11, 13,
28, 30 - 32
GND
These pins and package bottom
must be connected to RF/DC ground.
4, 12
ATTIN,
ATTOUT
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required. Select value based
on lowest frequency of operation.
5 - 10
ACG1 - ACG6
External capacitors to ground is required. Select value for
lowest frequency of operation. Place capacitor as close to
pins as possible.
14
SERIN
See truth table, control voltage
table and timing diagram.
15, 16
PUP2, PUP1
18 - 23
D5, D4, D3,
D2, D1, D0
24
P/S
25
CLK
27
LE
17
Vdd
Supply Voltage
26
SEROUT
Serial input data delayed by 6 clock cycles.
Pin Descriptions
HMC625LP5 / 625LP5E
v01.0907
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 6 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com