Electronic Components Datasheet Search
  English  ▼

X  

HMC627LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC627LP5
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC627LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC627LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC627LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC627LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC627LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC627LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC627LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC627LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC627LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC627LP5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
14 - 22
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
14
Step Error vs. Frequency [2]
(Only Major States are Shown)
HMC627LP5 / 627LP5E
v01.0907
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 1 GHz
Bit Error vs. Frequency [2]
(Only Major States are Shown)
Bit Error vs. Attenuation State [2]
Normal Relative Phase vs. Frequency [2]
(Only Major States are Shown)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
4
8
12
16
20
24
28
32
ATTENUATION STATE (dB)
-40
-20
0
20
40
60
80
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
31.5 dB
16 dB
8 dB
0.5 - 4 dB
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
[1] Tested with broadband bias tee on RF ports and C1 = 10,000pF
[2] C1, C6 and C8 = 100pF, L1 = 270nF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com