Electronic Components Datasheet Search
  English  ▼

X  

MUR460 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MUR460
Description  4.0 AMPS. Ultrafast Glass Passivated Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MUR460 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MUR460 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MUR460 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
MUR420 - MUR460
4.0 AMPS. Ultrafast Glass Passivated Rectifiers
DO-201AD
Features
Ideally suited for use in very high frequency
switching power supplies, inverters and as free
wheeling diodes
Ultrafast recovery time for high efficiency
Excellent high temperature switching
Glass passivated junction
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead lengths
at 5 lbs.,(2.3kg) tension
Mounting position: Any
W eight: 1.2 grams, 0.045oz.
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MUR420
MUR440
MUR460
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
V
Maximum RMS Voltage
VRMS
140
280
420
V
Maximum DC Blocking Voltage
VDC
200
400
600
V
Maximum Average Forward Rectified Current
.375”(9.5mm) Lead Length (See Fig. 1)
I(AV)
4.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
125
70
A
Maximum Instantaneous Forward Voltage
@ 4.0A
VF
0.89
1.28
V
Maximum DC Reverse Current @ TC=25
oC
at Rated DC Blocking Voltage @ TC=125
oC
(Note 4)
IR
5.0
150
10
250
uA
uA
Maximum Reverse Recovery Time ( Note 2 )
Trr
25
50
nS
Typical Junction Capacitance ( Note 1 )
TJ = 25
oC (Fig. 5)
Cj
65
pF
Maximum Forward Recovery Time TFR
(IF=1.0A, di/dt = 100A/us, Rev. to 1.0V)
TFR
25
50
nS
Typical Thermal Resistance (Note 3)
RθJA
28
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
T
STG
-65 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4..0 Volts D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Thermal Resistance from Junction to Ambient, Lead Length = 1/2” on P.C. Board with
1.5” x 1.5” Copper Surface.
4. Pulse lest: tp = 300 uS, Duty Cycle < 2% .


Similar Part No. - MUR460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR460 MOTOROLA-MUR460 Datasheet
100Kb / 6P
ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
logo
Jinan Gude Electronic D...
MUR460 JGD-MUR460 Datasheet
143Kb / 2P
4.0 AMPS. ULTRA FAST RECTIFIERS
logo
Diodes Incorporated
MUR460 DIODES-MUR460 Datasheet
67Kb / 2P
40A SUPER-FAST RECTIFIER
DS30183 Rev. A-0
logo
Micro Commercial Compon...
MUR460 MCC-MUR460 Datasheet
91Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
ON Semiconductor
MUR460 ONSEMI-MUR460 Datasheet
67Kb / 7P
SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
More results

Similar Description - MUR460

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF41G TSC-SF41G Datasheet
64Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
MUR420 TSC-MUR420 Datasheet
67Kb / 2P
4.0 AMPS. Ultrafast Glass Passivated Rectifiers
SF41G TSC-SF41G_1 Datasheet
273Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
MUR420 SECOS-MUR420 Datasheet
383Kb / 2P
4.0 Amp Glass Passivated Ultrafast Rectifiers
logo
Taiwan Semiconductor Co...
MUR420 TSC-MUR420_10 Datasheet
577Kb / 2P
4.0 AMPS. Ultrafast Glass Passivated Rectifiers
SF41G TSC-SF41G_10 Datasheet
573Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
MUR420 LUGUANG-MUR420 Datasheet
184Kb / 2P
4.0 AMP. Ultrafast Glass Passivated Rectifiers
logo
Gaomi Xinghe Electronic...
MUR460 GXELECTRONICS-MUR460 Datasheet
523Kb / 2P
4.0 AMPS. Ultranfast Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
MUR420 DYELEC-MUR420 Datasheet
1Mb / 2P
4.0 A Ultrafast Glass Passivated Rectifiers
MUR420G DYELEC-MUR420G Datasheet
1Mb / 2P
4.0 A Ultrafast Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com