Electronic Components Datasheet Search
  English  ▼

X  

6AS36 Datasheet(PDF) 12 Page - Honeywell Solid State Electronics Center

Part # 6AS36
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS36 Datasheet(HTML) 12 Page - Honeywell Solid State Electronics Center

Back Button 6AS36 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 13Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 16Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12 sensing.honeywell.com
BZ | BA | BM | BE | 6AS Series
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
ROLLER LEVER ORDER GUIDE
Catalog
Listing
Recommended
For
O.F.
N [oz]
R.F.
min.
N [ oz]
P.T.
max.
mm
[in]
O.T.
min.
mm
[in]
D.T.
mm [in]
O.P.**
mm [in]
BZ-
2RW82725551-
A2
Applications requiring
gold alloy contacts,
plus dustproof, and
splash resistant seal
1 A
P
0,97
[3.5]
0,21
[0.75]
–
3,96
[0.156]
0,10 to 1,0
[0.004 to 0.040]
30,17 ±0,76
[1.188
±0.030]
BZ-2RW82-A2
1.90 inch (48,3 mm)
(steel roller) lever
applications
15 A
A
0,97
[3.5]
0,21
[0.75]
–
3,96
[0.156]
0,10 to 1,0
[0.004 to 0.040]
30,17 ±0,76
[1.188
±0.030]
BZ-2RW825551-
A2
Dustproof and splash
resistant seal
15 A
A
0,97
[3.5]
0,21
[0.75]
–
3,96
[0.156]
0,10 to 1,0
[0.004 to 0.040]
30,17 ±0,76
[1.188
±0.030]
BZ-2RW8224-A2
Operating in temperature
to 121 °C [250 °F]
15 A
A
0,97
[3.5]
0,21
[0.75]
–
3,96
[0.156]
0,10 to 1,0
[0.004 to 0.040]
30,17 ±0,76
[1.188
±0.030]
BA-2RV2-A2
Up to 20 ampere load
20 A
G
0,97
[3.5]
0,14
[0.5]
11,89
[0.468]
1,52
[0.060]
2,16
[0.085]
30,17 ±0,76
[1.188
±0.030]
BM-1RW82-A2
Up to 22 ampere load
22 A
F
0,97
[3.5]
0,21
[0.75]
–
3,96
[0.156]
0,08 to 0,56
[0.003 to 0.022]
30,17 ±0,76
[1.188
±0.030]
BE-2RV2-A4
Up to 25 ampere load,
#8 screw terminals
25 A
H
0,97
[3.5]
0,14
[0.5]
11,89
[0.468]
1,52
[0.060]
2,16
[0.085]
30,17 ±0,76
[1.188
±0.030]
BZ-RW922-A2
Best repeatability and
O.P. stability
10 A
I
3,34
[12]
1,11
[4]
0,35
[0.015]
2,54
[0.100]
0,013 to 0,025
[0.0005 to 0.0010]
31,37
[1.235]
BZ-2RW826-A2
One-way roller 9,4
mm x 3,8 mm [0.37 in
dia. x 0.15 in] wide roller
15 A
A
1,67
[6]
0,42
[1.5]
–
2,39
[0.094]
0,08 to 0,51
[0.003 to 0.020]
41,34
[1.625]
BZ-2RW825-A2
One-way roller 4,83
mm x 4,83 mm [0.19 in
dia. x 0.19 in] wide roller
15 A
A
2,22
[8]
0,42
[1.5]
–
1,52
[0.060]
0,38
[0.015]
28,96
[1.14]
NOTE: For adjustable operate point and simulated roller lever switches, refer to previous page.
** except where stated ±0,38 mm [±0.015 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com