Electronic Components Datasheet Search
  English  ▼

X  

6AS16 Datasheet(PDF) 15 Page - Honeywell Solid State Electronics Center

Part # 6AS16
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS16 Datasheet(HTML) 15 Page - Honeywell Solid State Electronics Center

Back Button 6AS16 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 13Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 16Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 17Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 18Page - Honeywell Solid State Electronics Center 6AS16 Datasheet HTML 19Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
sensing.honeywell.com
MICRO SWITCH™ Premium Large Basic Switches
STANDARD ACTUATOR OPTIONS, TERMINALS, & DIMENSIONS
BZ/BM Series: Flexible leaf actuator
BA/BE Series: Flexible leaf actuator
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
9,1 mm
[0.36 in]
14,7 mm
[0.58 in]
49,5 mm
[1.95 in]
17,5 mm
[0.69 in]
O.P.
4,3 mm
[0.17 in]
dia.
49,3 mm
[1.94 in]
25,4 mm
[1.00 in]
5,3 mm
[0.21 in]
20,5 mm
[0.81 in]
F.P.
SST lever
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
9,1 mm
[0.36 in]
14,7 mm
[0.58 in]
45,2 mm
[1.78 in]
17,5 mm
[0.69 in]
O.P.
4,3 mm
[0.17 in]
dia.
49,3 mm
[1.94 in]
25,4 mm
[1.00 in]
5,3 mm
[0.21 in]
25,4 mm
[1.00 in]
F.P.
SST lever
BZ/BM Series: Straight lever with external return spring
BA/BE Series: Straight lever
9,1 mm
[0.36 in]
19,1
0.75
O.P.
27,2 mm
[1.07 in]
F.P.
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
9,6 mm
[0.38 in]
63,5 mm
[2.50 in]
R
16,8 mm
[0.66 in]
4,3 mm
[0.17 in]
dia.
49,3 mm
[1.94 in]
25,4 mm
[1.00 in]
5,3 mm
[0.21 in]
20,0 mm
[0.79 in]
F.P.
SST lever
9,1 mm
[0.36 in]
19,0 mm
[0.75 in]
O.P.
34,8 mm
[1.37 in]
F.P.
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
9,6 mm
[0.38 in]
63,5 mm
[2.50 in]
R
16,5 mm
[0.69 in]
4,3 mm
[0.17 in]
dia.
49,3 mm
[1.94 in]
25,4 mm
[1.00 in]
5,3 mm
[0.21 in]
20,8 mm
[0.82 in]
SST lever
BZ/BM Series: Roller lever with external return spring
Pin plunger with manual reset
9,1 mm
[0.36 in]
29,9 mm
[1.18 in]
O.P.
32,0 mm
[1.26 in]
F.P.
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
9,7 mm
[0.38 in]
25,9 mm
[1.02 in]
4,3 mm
[0.17 in]
dia.
49,3 mm
[1.94 in]
25,4 mm
[1.00 in]
5,3 mm
[0.21 in]
20,0 mm
[0.79 in]
SST roller
26,7 mm
[1.05 in]
R
2,3 mm [0.09 in] dia
14,9 mm
[0.59 in]
27,9 mm
[1.10 in]
R.O.P.
3,6 mm
[0.14 in]
dia.
3,6 mm
[0.14 in]
9,6 mm
[0.38 in]
49,3 mm
[1.94 in]
25,4 mm
[1.00 in]
5,3 mm
[0.21 in]
SST plunger
16,2 mm
[0.64 in]
O.P.
11,9 mm
[0.47 in]
28,7 mm
[1.13 in]
F.P.
19,05 mm [0.75 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com