Electronic Components Datasheet Search
  English  ▼

X  

MUR820 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MUR820
Description  8.0 AMPS. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MUR820 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MUR820 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MUR820 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (MUR820 THRU MUR860)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
AMBIENT TEMPERATURE. ( C)
O
140
150
160
170
180
12
8
4
0
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
1
10
125
100
75
50
25
0
100
V REVERSE VOLTAGE. (%)
R
FIG.4- TYPICSL REVERSE CHARACTERISTICS
100
0.01
1.0
10
100
1000
200
300
400
500
600
0.1
Tj=150 C
0
Tj=100 C
0
Tj=25 C
0
FIG.5- TYPICAL JUNCTION CAPACITANCE
PERLEG
REVERSE VOLTAGE. (V)
1
10
100
10
100
0.1
1000
Tj=25 C
f=1.0MHz
Vsig=50m Vp-p
0
FIG.3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. (V)
0
0.4
0.8
1.2
2.0
0.01
10
100
1.6
0.1
1
MUR820
MUR840
MUR860
Version: A06
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com