Electronic Components Datasheet Search
  English  ▼

X  

HMC644 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC644
Description  GaAs MMIC 5-BIT DIGITAL PHASE SHIFTER, 15 - 18.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC644 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC644 Datasheet HTML 1Page - Hittite Microwave Corporation HMC644 Datasheet HTML 2Page - Hittite Microwave Corporation HMC644 Datasheet HTML 3Page - Hittite Microwave Corporation HMC644 Datasheet HTML 4Page - Hittite Microwave Corporation HMC644 Datasheet HTML 5Page - Hittite Microwave Corporation HMC644 Datasheet HTML 6Page - Hittite Microwave Corporation HMC644 Datasheet HTML 7Page - Hittite Microwave Corporation HMC644 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5
5 - 33
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs MMIC 5-BIT DIGITAL
PHASE SHIFTER, 15 - 18.5 GHz
v00.0607
HMC644
Insertion Loss, Major States Only
Normalized Loss, Major States Only
Phase Error, Major States Only
Input Return Loss, Major States Only
Output Return Loss, Major States Only
-12
-10
-8
-6
-4
-2
0
14 14.5 15 15.5 16 16.5 17 17.5 18 18.5 19 19.5 20
FREQUENCY (GHz)
0
50
100
150
200
250
300
350
400
14 14.5 15 15.5 16 16.5 17 17.5 18 18.5 19 19.5 20
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
14 14.5 15 15.5 16 16.5 17 17.5 18 18.5 19 19.5 20
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
14 14.5 15 15.5 16 16.5 17 17.5 18 18.5 19 19.5 20
FREQUENCY (GHz)
-20
-15
-10
-5
0
5
10
15
20
14 14.5 15 15.5 16 16.5 17 17.5 18 18.5 19 19.5 20
FREQUENCY (GHz)
-4
-3
-2
-1
0
1
2
3
4
14 14.5 15 15.5 16 16.5 17 17.5 18 18.5 19 19.5 20
FREQUENCY (GHz)
Relative Phase Shift
Major States, Including All Bits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com