Electronic Components Datasheet Search
  English  ▼

X  

P6KE Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # P6KE
Description  Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6KE Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  P6KE Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6KE Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6KE Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6KE Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 643 -
RATINGS AND CHARACTERISTIC CURVES (P6KE SERIES)
FIG.2- PULSE DERATING CURVE
0
25
50
75
100
125
150
175
200
0
25
50
75
100
T
AMBIENT TEMPERATURE, C
A,
o
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
1
10
100
10
200
100
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- PEAK PULSE POWER RATING CURVE
0.1
ms
10ms
1.0ms
100ms
10ms
1.0ms
0.1
100
10
1
tp, PULSE WIDTH, sec.
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
TJ=25 C
0
FIG.3- PULSE WAVEFORM
0
0
1.0
2.0
3.0
4.0
100
150
50
t, TIME, ms
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to 50%oflPPM
td
tr=10 sec.
m
10/1000 sec. WAVEFORM
as DEFINED by R.E.A.
PEAK VALUE
lPPM
HALF VALUE- lPPM
2
TL, LEAD TEMPERATURE, C
o
FIG.4- STEADY STATE POWER DERATING CURVE
0
25
50
75
100
125
150
175
200
0
1.25
2.5
3.75
5.0
60Hz
RESISTIVE OR INDUCTIVE LOAD
1.6 X 1.6 X .040"
(40 X 40 X 1mm.)
COPPER HEAT SINKS
L=0.375"(9.5mm)
LEAD LENGTHS
FIG.7- TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
1
10
100
200
100
1,000
10
6,000
V
, BREAKDOWN VOLTAGE. VOLTS
(BR)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MEASURED at
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE, VWM
V
, BREAKDOWN VOLTAGE. VOLTS
(BR)
FIG.6- TYPICAL REVERSE LEAKAGE CHARACTERASTICS
0
100
200
300
400
500
0.001
0.01
0.1
10
1
100
1,000
MEASURED AT DEVICES
STAND-OFF
VOLTAGE, VWM
TJ=25 C
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com