Electronic Components Datasheet Search
  English  ▼

X  

R1183Z Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1183Z
Description  150mA LDO REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1183Z Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1183Z Datasheet HTML 1Page - RICOH electronics devices division R1183Z Datasheet HTML 2Page - RICOH electronics devices division R1183Z Datasheet HTML 3Page - RICOH electronics devices division R1183Z Datasheet HTML 4Page - RICOH electronics devices division R1183Z Datasheet HTML 5Page - RICOH electronics devices division R1183Z Datasheet HTML 6Page - RICOH electronics devices division R1183Z Datasheet HTML 7Page - RICOH electronics devices division R1183Z Datasheet HTML 8Page - RICOH electronics devices division R1183Z Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
R1183Z
3
SELECTION GUIDE
The output voltage, version, and the taping type for the ICs can be selected at the user's request.
The selection can be made with designating the part number as shown below:
R1183Zxx1x-TR-x←Part Number
↑ ↑ ↑ ↑ ↑
a b
c
d
e
Code
Contents
a
Designation of Package Type :
Z: WLCSP-4-P2
b
Setting Output Voltage (VOUT) :
Stepwise setting with a step of 0.1V in the range of 1.2V to 3.6V is possible.
Exceptions: 1.25V
=R1183Z121X5, 1.85V=R1183Z181X5,
2.85V
=R1183Z281X5
c
Designation of Function and with/without chip enable:
B: active “H” type, without the auto-discharge function
C: without chip enable circuit and auto-discharge
D: active “H” type, with the auto-discharge function
d
Designation of Taping Type :
Ex. TR (refer to Taping Specifications; TR type is the standard direction.)
e
Designation of composition of pin plating:
-F: Lead free plating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com