Electronic Components Datasheet Search
  English  ▼

X  

MQFP Datasheet(PDF) 2 Page - Amkor Technology

Part # MQFP
Description  Amkor’s MQFP (Metric Quad Flat Pack) packages allow the flexibility of growing or shrinking IC package size based upon application need.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

MQFP Datasheet(HTML) 2 Page - Amkor Technology

  MQFP_V01 Datasheet HTML 1Page - Amkor Technology MQFP_V01 Datasheet HTML 2Page - Amkor Technology MQFP_V01 Datasheet HTML 3Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MQFP
Reliability Qualification
Amkor devices are assembled in optimized package
designs with proven reliable semiconductor materials.
f
Moisture sensitivity characterization: JEDEC level 3,
30°C/60% RH, 192 hours
f
Temp cycle: -65°C/+150°C, 1000 cycles
f
Temp/Humidity: 85°C/85% RH, 1000 hours
f
High temp storage: 150°C, 1000 hours
Process Highlights
f
Die thickness: Target 18-20 mils (13 min to 25 max)
f
Wirebond: 0.8 mil, 1.0 mil PCC Std
f
Solder plating: Matte Sn
f
Marking: Laser
f
Lead inspection: Laser/optical
f
Pack/Ship options: Barcode, dry pack
Test Services
f
Program generation/conversion
f
Product engineering support
f
Wafer sort
f
Final test
f
Tri-temp test capability
Shipping
f
JEDEC outline CS-004 low-profile tray
▷ Bakable (125°C and 150°C)
▷ Non-bakable
Cross Section MQFP
MQFP With Drop-In Al Heat Spreader
Standard MQFP
Cu leadframe
Die attach pad
Mold compound
A
B
Die
Die attach adhesive
Au or Cu wire
C
D
E
F
A
D
B
C
F
E
Cu leadframe
Die attach pad
Mold compound
Die
A
B
Die attach adhesive
Au or Cu wire
AI heat spreader
C
E
F
G
A
D
B
C
F
E
G
D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com