Electronic Components Datasheet Search
  English  ▼

X  

RGP10B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RGP10B
Description  1.0 AMP. Glass Passivated Junction Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RGP10B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RGP10B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RGP10B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 574 -
RGP10A THRU RGP10M
1.0 AMP. Glass Passivated Junction Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.0 Ampere
Features
High temperature metallurgically bonded constructed
Plastic material used carries Underwriters Laboratory
Classification 94V-0
Glass passivated cavity-free junction
Capable of meeting environmental standards of
MIL-S-19500
1.0 ampere operation at TA=55
oC with no thermal runaway
Typical IR less than 0.1 uA
High temperature soldering guaranteed:
350
oC / 10 seconds, 0.375”(9.5mm) lead length, 5 lbs.,
(2.3kg) tension
Fast switching for high efficiency
Mechanical Data
Case: JEDEC DO-41 molded plastic over glass body
Lead: Plated Axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.012 ounce, 0.3 gram
DO-41
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol RGP
10A
RGP
10B
RGP
10D
RGP
10G
RGP
10J
RGP
10K
RGP
10M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375” (9.5mm) Lead Length
@ TA = 55
℃
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30.0
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.3
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=150
℃
IR
5.0
200
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
TJ=25
℃
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
15
pF
Typical Thermal Resistance (Note 3)
R
θJA
65
℃/W
Operating Temperature Range
TJ
-65 to + 175
℃
Storage Temperature Range
TSTG
-65 to + 175
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A Recover to 0.25A.
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0 Volts.
3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.


Similar Part No. - RGP10B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10B ZOWIE-RGP10B Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Fairchild Semiconductor
RGP10B FAIRCHILD-RGP10B Datasheet
35Kb / 3P
1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
General Semiconductor
RGP10B GE-RGP10B Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Micro Commercial Compon...
RGP10B MCC-RGP10B Datasheet
85Kb / 3P
1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
First Components Intern...
RGP10B FCI-RGP10B Datasheet
137Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
More results

Similar Description - RGP10B

ManufacturerPart #DatasheetDescription
logo
Bytes
FR101G BYTES-FR101G Datasheet
153Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4942G FORMOSA-1N4942G Datasheet
33Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
FR101GH FORMOSA-FR101GH Datasheet
61Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4933G TSC-1N4933G Datasheet
67Kb / 2P
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
F1T1G TSC-F1T1G_1 Datasheet
263Kb / 2P
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
UNIOHM CORPORATION
FR101G UNIOHM-FR101G Datasheet
66Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1N4933G UNIOHM-1N4933G Datasheet
73Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
BA157G TSC-BA157G_10 Datasheet
543Kb / 2P
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
F1T1G TSC-F1T1G_10 Datasheet
551Kb / 2P
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
Nanjing International G...
RS1A DGNJDZ-RS1A Datasheet
132Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com