Electronic Components Datasheet Search
  English  ▼

X  

ST24C02 Datasheet(PDF) 2 Page - SYC Electronica

Part # ST24C02
Description  SERIAL 2K (256 x 8) EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ST24C02 Datasheet(HTML) 2 Page - SYC Electronica

  ST24C02 Datasheet HTML 1Page - SYC Electronica ST24C02 Datasheet HTML 2Page - SYC Electronica ST24C02 Datasheet HTML 3Page - SYC Electronica ST24C02 Datasheet HTML 4Page - SYC Electronica ST24C02 Datasheet HTML 5Page - SYC Electronica ST24C02 Datasheet HTML 6Page - SYC Electronica ST24C02 Datasheet HTML 7Page - SYC Electronica ST24C02 Datasheet HTML 8Page - SYC Electronica ST24C02 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
The ST24/25x02 are 2K bit electrically erasable
programmable memories (EEPROM), organized
as 256 x 8 bits. They are manufactured in SGS-
THOMSON’s Hi-Endurance Advanced CMOS
technology which guarantees an endurance of one
million erase/write cycles with a data retention of
40 years. The memories operate with a power
supply value as low as 1.8V for the ST24C02R only.
Both Plastic Dual-in-Line and Plastic Small Outline
packages are available.
The memories are compatible with the I2C stand-
ard, two wire serial interface which uses a bi-direc-
tional data bus and serial clock. The memories
carry a built-in 4 bit, unique device identification
code (1010) corresponding to the I2C bus defini-
tion. This is used together with 3 chip enable inputs
(E2, E1, E0) so that up to 8 x 2K devices may be
attached to the I2C bus and selected individually.
The memories behave as a slave device in the I2C
protocol with all memory operations synchronized
by the serial clock. Read and write operations are
initiated by a START condition generated by the
bus master. The START condition is followed by a
stream of 7 bits (identification code 1010), plus one
read/write bit and terminated by an acknowledge
bit.
SDA
VSS
SCL
MODE/WC
E1
E0
VCC
E2
AI00789D
ST24x02
ST25x02
ST24C02R
1
2
3
4
8
7
6
5
Figure 2A. DIP Pin Connections
1
AI00790E
2
3
4
8
7
6
5
SDA
VSS
SCL
MODE/WC
E1
E0
VCC
E2
ST24x02
ST25x02
ST24C02R
Figure 2B. SO Pin Connections
DESCRIPTION (cont’d)
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
TLEAD
Lead Temperature, Soldering
(SO8 package)
(PSDIP8 package)
40 sec
10 sec
215
260
°C
VIO
Input or Output Voltages
–0.6 to 6.5
V
VCC
Supply Voltage
–0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model)
(2)
4000
V
Electrostatic Discharge Voltage (Machine model)
(3)
500
V
Notes: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings"
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other
relevant quality documents.
2. MIL-STD-883C, 3015.7 (100pF, 1500
Ω).
3. EIAJ IC-121 (Condition C) (200pF, 0
Ω).
Table 2. Absolute Maximum Ratings (1)
2/16
ST24/25C02, ST24C02R, ST24/25W02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com