Electronic Components Datasheet Search
  English  ▼

X  

ST16C550IP40 Datasheet(PDF) 21 Page - SYC Electronica

Part # ST16C550IP40
Description  UART WITH 16-BYTE FIFO’s
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ST16C550IP40 Datasheet(HTML) 21 Page - SYC Electronica

Back Button ST16C550IP40 Datasheet HTML 17Page - SYC Electronica ST16C550IP40 Datasheet HTML 18Page - SYC Electronica ST16C550IP40 Datasheet HTML 19Page - SYC Electronica ST16C550IP40 Datasheet HTML 20Page - SYC Electronica ST16C550IP40 Datasheet HTML 21Page - SYC Electronica ST16C550IP40 Datasheet HTML 22Page - SYC Electronica ST16C550IP40 Datasheet HTML 23Page - SYC Electronica ST16C550IP40 Datasheet HTML 24Page - SYC Electronica ST16C550IP40 Datasheet HTML 25Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ST16C550
21
Rev. 4.30
AC ELECTRICAL CHARACTERISTICS
T
A=0° - 70°C (-40° - +85°C for Industrial grade packages), Vcc=3.3 - 5.0 V ± 10% unless otherwise specified.
T
1w,T2w
Clock pulse duration
17
17
ns
T
3w
Oscillator/Clock frequency
16
24
MHz
T4w
Address strobe width
35
25
ns
T5s
Address setup time
5
0
ns
T5h
Address hold time
5
5
ns
T
6s
Address setup time
5
0
ns
T
6s'
Address setup time
10
5
ns
see Note 1
T6h
Chip select hold time
0
0
ns
T
7d
-IOR delay from chip select
10
10
ns
T
7w
-IOR strobe width
35
25
ns
T
7h
Chip select hold time from -IOR
0
0
ns
T
7h'
Address hold time
5
5
ns
see Note 1
T
8d
-IOR delay from address
10
10
ns
T
9d
Read cycle delay
40
30
ns
T
11d
-IOR to -DDIS delay
15
10
ns
100 pF load
T
12d
Delay from -IOR to data
35
25
ns
T
12h
Data disable time
25
15
ns
T
13d
-IOW delay from chip select
10
10
ns
T
13w
-IOW strobe width
40
25
ns
T
13h
Chip select hold time from -IOW
0
0
ns
T
14d
-IOW delay from address
10
10
ns
T
15d
Write cycle delay
40
30
ns
T
16s
Data setup time
20
15
ns
T
16h
Data hold time
5
5
ns
T
17d
Delay from -IOW to output
50
40
ns
100 pF load
T
18d
Delay to set interrupt from MODEM
40
35
ns
100 pF load
input
T
19d
Delay to reset interrupt from -IOR
40
35
ns
100 pF load
T
20d
Delay from stop to set interrupt
1
1
Rclk
T
21d
Delay from -IOR to reset interrupt
45
40
ns
100 pF load
T
22d
Delay from stop to interrupt
45
40
ns
T
23d
Delay from initial INT reset to transmit
8
24
8
24
Rclk
start
T
24d
Delay from -IOW to reset interrupt
45
40
ns
T
25d
Delay from stop to set -RxRdy
1
1
Rclk
T
26d
Delay from -IOR to reset -RxRdy
45
40
ns
T
27d
Delay from -IOW to set -TxRdy
45
40
ns
T
28d
Delay from start to reset -TxRdy
8
8
Rclk
T
R
Reset pulse width
40
40
ns
N
Baud rate devisor
1
216-1
1
216-1
Rclk
Note 1: Applicable only when -AS is tied low.
Symbol
Parameter
Limits
Limits
Units
Conditions
3.3
5.0
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com