Electronic Components Datasheet Search
  English  ▼

X  

24C256 Datasheet(PDF) 12 Page - SYC Electronica

Part # 24C256
Description  2-Wire Serial EEPROMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

24C256 Datasheet(HTML) 12 Page - SYC Electronica

Back Button 24C256 Datasheet HTML 7Page - SYC Electronica 24C256 Datasheet HTML 8Page - SYC Electronica 24C256 Datasheet HTML 9Page - SYC Electronica 24C256 Datasheet HTML 10Page - SYC Electronica 24C256 Datasheet HTML 11Page - SYC Electronica 24C256 Datasheet HTML 12Page - SYC Electronica 24C256 Datasheet HTML 13Page - SYC Electronica 24C256 Datasheet HTML 14Page - SYC Electronica 24C256 Datasheet HTML 15Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AT24C128/256
12
AT24C256 Ordering Information
tWR (max)
(ms)
ICC (max)
(
µµµµA)
ISB (max)
(
µµµµA)
fMAX
(kHz)
Ordering Code
Package
Operation Range
10
3000
6.0
1000
AT24C256-10PC
AT24C256N-10SC
AT24C256W-10SC
AT24C256-10CC
AT24C256C1-10CC
AT24C256T1-10TC
8P3
8S1
8S2
8C
8C1
14T
Commercial
(0
°C to 70°C)
3000
6.0
1000
AT24C256-10PI
AT24C256N-10SI
AT24C256W-10SI
AT24C256-10CI
AT24C256C1-10CI
AT24C256T1-10TI
8P3
8S1
8S2
8C
8C1
14T
Industrial
(-40
°C to 85°C)
10
1500
0.5
400
AT24C256-10PC-2.7
AT24C256N-10SC-2.7
AT24C256W-10SC-2.7
AT24C256-10CC-2.7
AT24C256C1-10CC-2.7
AT24C256T1-10TC-2.7
8P3
8S1
8S2
8C
8C1
14T
Commercial
(0
°C to 70°C)
1500
0.5
400
AT24C256-10PI-2.7
AT24C256N-10SI-2.7
AT24C256W-10SI-2.7
AT24C256-10CI-2.7
AT24C256C1-10CI-2.7
AT24C256T1-10TI-2.7
8P3
8S1
8S2
8C
8C1
14T
Industrial
(-40
°C to 85°C)
Package Type
8C
8-Lead, 0.230" Wide, Leadless Array Package (LAP)
8C1
8-Lead, 0.300" Wide, Leadless Array Package (LAP)
8P3
8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8S2
8-Lead, 0.200" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
14T
14-Lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
Options
Blank
Standard Operation (4.5V to 5.5V)
-2.7
Low-Voltage (2.7V to 5.5V)
-1.8
Low-Voltage (1.8V to 3.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com