Electronic Components Datasheet Search
  English  ▼

X  

450-12HTPLJ Datasheet(PDF) 2 Page - KG Technologies, Inc.

Part # 450-12HTPLJ
Description  HIGH VOLTAGE DC RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

450-12HTPLJ Datasheet(HTML) 2 Page - KG Technologies, Inc.

  450-12HTPLJ Datasheet HTML 1Page - KG Technologies, Inc. 450-12HTPLJ Datasheet HTML 2Page - KG Technologies, Inc. 450-12HTPLJ Datasheet HTML 3Page - KG Technologies, Inc. 450-12HTPLJ Datasheet HTML 4Page - KG Technologies, Inc. 450-12HTPLJ Datasheet HTML 5Page - KG Technologies, Inc. 450-12HTPLJ Datasheet HTML 6Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
HFE80V-40_EN Rev 1.0
2
A
Current Endurance§§
Current
Duration
40A
Continuous
60A
1 h
80A
20 min
160A
30 s
240A
10 s
400A
0.6 s
§§ Testing Conditions: 1V, 85°C. Diameter of cable used: 10 mm2
Electrical Endurance***
Contact Rating
Contact Rating
Operations
Switching: Steady 40A
Contact Voltage: 450Vdc
0.6s/5.4s
1,000 ops
Switching: Steady 10A
Contact Voltage: 450Vdc
10,000 ops
Making: Steady 35A
Contact Voltage: 450Vdc
75,000 ops
***23oC room temperature
Coil Resistance
(Ω±10%) at 23°C
Nominal Coil Voltage
Pick-up Voltage
Drop-out Voltage
Coil Resistance
12Vdc
≤9Vdc
≥1Vdc
48Ω
24Vdc
≤18Vdc
≥2Vdc
192Ω
48Vdc
≤36Vdc
≥4Vdc
768Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com