Electronic Components Datasheet Search
  English  ▼

X  

27C64 Datasheet(PDF) 1 Page - SYC Electronica

Part # 27C64
Description  64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

27C64 Datasheet(HTML) 1 Page - SYC Electronica

  27C64 Datasheet HTML 1Page - SYC Electronica 27C64 Datasheet HTML 2Page - SYC Electronica 27C64 Datasheet HTML 3Page - SYC Electronica 27C64 Datasheet HTML 4Page - SYC Electronica 27C64 Datasheet HTML 5Page - SYC Electronica 27C64 Datasheet HTML 6Page - SYC Electronica 27C64 Datasheet HTML 7Page - SYC Electronica 27C64 Datasheet HTML 8Page - SYC Electronica 27C64 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M27C64A
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
1/12
5V
± 10% SUPPLY VOLTAGE in READ
OPERATION
FAST ACCESS TIME: 150ns
LOW POWER “CMOS” CONSUMPTION:
– Active Current 30mA
– Standby Current 100
µA
PROGRAMMING VOLTAGE: 12.5V
± 0.25V
HIGH SPEED PROGRAMMING
(less than 1 minute)
ELECTRONIC SIGNATURE
– Manufacturer Code: 9Bh
– Device Code: 08h
DESCRIPTION
The M27C64A is a 64Kbit EPROM offered in the
two ranges UV (ultra violet erase) and OTP (one
time programmable). It is ideally suited for micro-
processor systems requiring large programs and is
organized as 8,192 by 8 bits.
The FDIP28W (window ceramic frit-seal package)
has transparent lid which allows the user to expose
the chip to ultraviolet light to erase the bit pattern.
A new pattern can then be written to the device by
following the programming procedure.
For applications where the content is programmed
only on time and erasure is not required, the
M27C64A is offered in PLCC32 package.
AI00834B
13
A0-A12
P
Q0-Q7
VPP
VCC
M27C64A
G
E
VSS
8
Figure 1. Logic Diagram
A0-A12
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
G
Output Enable
P
Program
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
PLCC32 (C)
1
28
FDIP28W (F)


Similar Part No. - 27C64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
27C64-12/L MICROCHIP-27C64-12/L Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
27C64-12/P MICROCHIP-27C64-12/P Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
27C64-12/SO MICROCHIP-27C64-12/SO Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
27C64-12I/L MICROCHIP-27C64-12I/L Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
More results

Similar Description - 27C64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
29-Aug-2002
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
Mar-1998
M27W256 STMICROELECTRONICS-M27W256 Datasheet
101Kb / 15P
256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
Mar-2000
M27C256B STMICROELECTRONICS-M27C256B_06 Datasheet
197Kb / 24P
256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
18-May-2006
M27C1001 STMICROELECTRONICS-M27C1001_06 Datasheet
218Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
M27C256B-12F1 STMICROELECTRONICS-M27C256B-12F1 Datasheet
203Kb / 24P
256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
18-May-2006
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com